| Electronic Components Datasheet Search |
|
VNF9D5F Datasheet(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VNF9D5F Datasheet(HTML) 24 Page - STMicroelectronics |
|
24 / 108 page ![]() Figure 17. SPI write operation 0 0 SDI SDO CSN MSB Address Command Byte (8 bits) Global Status Byte MSB LSB LSB MSB MSB (previous content of register) Data (16 bits) Data LSB LSB Read mode The read mode of the device allows to read and to check the state of any register. Incoming data are sampled on the rising edge of the serial clock (SCK), MSB first. The command byte allows to determine which register content is read, whilst the other two data bytes are "don't care". In case of a read mode on an unused address, the global status/error byte on the SDO pin is followed by 0x0000 word. In order to avoid inconsistency between the Global Status byte and the Status register, the Status register contents are frozen during the SPI communication. Figure 18. SPI read operation 0 1 SDI SDO CSN (16bit) Don’t care (16bit) Data MSB MSB LSB LSB MSB Address (8bit) Global Status Byte Command Byte LSB LSB MSB Read and clear status command The read and clear status operation is used to clear the content of the addressed status register (see Table 25). A read and clear status operation with address 0x3Fh clears all Status registers simultaneously. Incoming data are sampled on the rising edge of the serial clock (SCK), MSB first. The command byte allows to determine which register content is read and the payload bits set to 1 into the data byte determine the bits into the register which have to be cleared. Outgoing data are shifted out MSB first on the falling edge of the CSN pin and others on the falling edge of the serial clock (SCK). The first byte corresponds to the Global Status byte and the second to the content of the addressed register. In order to avoid inconsistency between the Global Status byte and the Status register, the Status register contents are frozen during SPI communication. VNF9D5F SPI functional description DS13946 - Rev 8 page 24/108 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |