Electronic Components Datasheet Search
  English  ▼

X  

VNF9D5F Datasheet(PDF) 77 Page - STMicroelectronics

Part # VNF9D5F
Description  2-channel high-side driver with STi²Fuse protection for automotive power distribution applications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF9D5F Datasheet(HTML) 77 Page - STMicroelectronics

Back Button VNF9D5F Datasheet HTML 73Page - STMicroelectronics VNF9D5F Datasheet HTML 74Page - STMicroelectronics VNF9D5F Datasheet HTML 75Page - STMicroelectronics VNF9D5F Datasheet HTML 76Page - STMicroelectronics VNF9D5F Datasheet HTML 77Page - STMicroelectronics VNF9D5F Datasheet HTML 78Page - STMicroelectronics VNF9D5F Datasheet HTML 79Page - STMicroelectronics VNF9D5F Datasheet HTML 80Page - STMicroelectronics VNF9D5F Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 108 page
background image
1. Parameter specified by design and evaluated by characterization, not tested in production.
Table 56. Open-load detection (7 V < VCC < 18 V)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VDSH_TH
Open-load OFF-state voltage detection
threshold
CHx off
VCC - 2 VCC - 1.5 VCC - 1
V
IPU
Pull-up current generator for open-load at
OFF-state detection
Pull-up current generator active,
VOUT = VCC- 1.0 V
-0.3
-0.7
-1.1
mA
10.5
PWM unit
2.7 V < VDD < 5.5 V; -40 °C < TJ < 150 °C, unless otherwise specified.
Table 57. PWM unit
Symbol
Parameter
Min.
Typ.
Max.
Unit
PWMRES
PWM resolution
0.1
%
0.2
%
PWMCLK
PWM clock range
300
400
500
kHz
PWMCLK_FBCK
PWM clock fallback
300
400
500
kHz
PWMCLK_FBCK_DLY
PWM clock fallback delay
20
40
μs
Table 58. ADC characteristics
Symbol
Parameter
Min.
Typ.
Max.
Unit
ASCRES
ADC resolution
-
10
-
bits
ADCCONV
ADC conversion rate
-
10
-
kS/s
10.6
Bulb mode
Table 59. Bulb–Power section
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
RON(1)
ON-state resistance
IOUT = 5.4 A; TJ = 25 °C
-
5.9
mΩ
IOUT = 5.4 A; TJ = 150 °C
-
13
mΩ
IOUT = 5.4 A; VCC = 4 V; VCC decreasing; TJ = 25 °C
-
11
mΩ
IOUT = 2.2 A; VCC = 3.2 V; VCC decreasing; TJ = -40 °C
-
59
mΩ
RON_Rev(1)
RDSON in reverse battery
condition
VCC = 13 V; TJ = 25 °C
-
5.9
mΩ
1. For each channel.
Table 60. Bulb–Switching (VCC = 13 V; Normal switch mode)
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
tdon(1)
Turn-on delay time Ch0,1 at
TJ = 25 °C to 150 °C
Fail-safe mode, bulb mode, from DIx
rising to 20% VOUT; RL = 2.4 Ω;
SLOPECRx = 00
20
55
100
µs
VNF9D5F
Electrical specifications
DS13946 - Rev 8
page 77/108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com