Electronic Components Datasheet Search
  English  ▼

X  

VNF9D5F Datasheet(PDF) 70 Page - STMicroelectronics

Part # VNF9D5F
Description  2-channel high-side driver with STi²Fuse protection for automotive power distribution applications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF9D5F Datasheet(HTML) 70 Page - STMicroelectronics

Back Button VNF9D5F Datasheet HTML 66Page - STMicroelectronics VNF9D5F Datasheet HTML 67Page - STMicroelectronics VNF9D5F Datasheet HTML 68Page - STMicroelectronics VNF9D5F Datasheet HTML 69Page - STMicroelectronics VNF9D5F Datasheet HTML 70Page - STMicroelectronics VNF9D5F Datasheet HTML 71Page - STMicroelectronics VNF9D5F Datasheet HTML 72Page - STMicroelectronics VNF9D5F Datasheet HTML 73Page - STMicroelectronics VNF9D5F Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 108 page
background image
10
Electrical specifications
Figure 35. Current and voltage conventions
IDI1
IDI0
ISTDBY_NOT
IPWM_CLK
ISCK
ISDO
ISDI
ICSN
IVDD
IVREG
VREG
VDD
VCSN
VSDI
VSDO
VSCK
VPWM_CLK
VDI0
VDI1
VSTDBY_NOT
IGND
VOUTx
IOUTx
IS
VCC
OUTx
VCC
VREG
VDD
CSN
SDI
SDO
SCK
PWM_SCK
STDBY_NOT
DI0
DI1
GND
10.1
Absolute maximum ratings
Stressing the device above the rating listed in Table 47 may cause permanent damage to the device. These are
stress ratings only and operation of the device at these or any other conditions above those indicated in the
operating sections of this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
Table 47. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC LSC
Maximum supply voltage for full short-circuit protection
18
V
VCCJS
Maximum jump start voltage for single pulse short circuit protection
28
V
VCC
DC supply voltage
35
V
-VCC
Reverse DC supply voltage (without external components)
0.3
V
IOUT0,1
Maximum DC output current
Internally limited
A
-IOUT0,1
Reverse DC output current
22
A
IPWM_CLK
DC PWM_CLK pin current
+3/-1
mA
VSDO
DC SPI pin voltage
VDD + 0.3
V
-VSDO
Reverse DC SPI pin voltage
0.3
V
ISDO
SDO pin current (as per LV124 / ISO 16750-2) t ≤ 2 min
54
mA
ISDI,CSN,SCK DC SPI pin current
+10/-1
mA
IDD
DC VDD pin current
+10/-1
mA
DC supply current (as per LV124 / ISO 16750-2) t ≤ 2 min
80
mA
VDD
DC SPI I/O control supply
6
V
-VDD
Reverse SPI I/O control supply
0.3
V
IDI0,1
DC direct input current
+10/-1
mA
IVREG
DC VREG pin current
-10/1(1)
mA
VNF9D5F
Electrical specifications
DS13946 - Rev 8
page 70/108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com