Electronic Components Datasheet Search
  English  ▼

X  

VNF9D5F Datasheet(PDF) 17 Page - STMicroelectronics

Part # VNF9D5F
Description  2-channel high-side driver with STi²Fuse protection for automotive power distribution applications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF9D5F Datasheet(HTML) 17 Page - STMicroelectronics

Back Button VNF9D5F Datasheet HTML 13Page - STMicroelectronics VNF9D5F Datasheet HTML 14Page - STMicroelectronics VNF9D5F Datasheet HTML 15Page - STMicroelectronics VNF9D5F Datasheet HTML 16Page - STMicroelectronics VNF9D5F Datasheet HTML 17Page - STMicroelectronics VNF9D5F Datasheet HTML 18Page - STMicroelectronics VNF9D5F Datasheet HTML 19Page - STMicroelectronics VNF9D5F Datasheet HTML 20Page - STMicroelectronics VNF9D5F Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 108 page
background image
Figure 9. Protection curve in parallel mode with INOM = 20 A and tNOM = 300 s vs a 1.5 mm2 wire isothermic
curve
The I²t protection curve can be moved in y-direction by changing the INOM value and in x-direction changing the
tNOM value. The following figure represents the total range of I²t the device can cover, ranging from
INOM_MIN = 4 A with tNOM_MIN = 1 s up to INOM_MAX = 15 A with tNOM_MAX = 300 s.
Figure 10. Lowest (left hand) and highest (right hand) INOM and tNOM configuration setting on a 1 mm2
wire
The I²t protection curve consists of 13 steps, each of them corresponding to a specific current threshold.
Whenever the load current exceeds a threshold, a counter is counting up. If for instance looking at the example in
Figure 8, the current would exceed the value of INOM = 10 A, but stay below the current threshold of the next step,
which is set at 1.03* INOM about, the counter would reach its threshold value after tNOM = 300 s, the harness
protection is triggered and the output channel is automatically latched off.
Diagnostic about I²t intervention is available through SPI with the ITOFFSRx bit in the OUTSRx output status
register and bit 3 in the global status byte. Both bits are set when the output channel is latched off for wire
harness I²t protection. An additional diagnostic indication is available, depending on the configuration of MCUext
bit in the OTP memory area. The following table explains the functionality of DINx pins depending on the MCUext
bit setting.
VNF9D5F
Protections
DS13946 - Rev 8
page 17/108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com