| Electronic Components Datasheet Search |
|
VNF9D5F Datasheet(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VNF9D5F Datasheet(HTML) 11 Page - STMicroelectronics |
|
11 / 108 page ![]() Table 7. Frame 1 (write CTRL 0x4800) - Normal mode to pre-standby mode Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 CMD OC1 OC0 Address 0 0 0 1 0 1 0 0 DATA1 GOSTBY UNLOCK Not Used Not Used EN PWM_TRIG Not Used Not Used 0 1 0 0 1 0 0 0 DATA2 LOCKbit 5 LOCKbit 4 LOCKbit3 LOCKbit2 LOCKbit1 LOCKbit0 PWMSYNC Parity 0 0 0 0 0 0 0 0 Table 8. Frame 2 (write CTRL 0x8000)–Normal mode to pre-standby mode Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 CMD OC1 OC0 Address 0 0 0 1 0 1 0 0 DATA1 GOSTBY UNLOCK Not Used Not Used EN PWM_ TRIG Not Used Not Used 1 0 0 0 0 0 0 0 DATA2 LOCKbit 5 LOCKbit 4 LOCKbit3 LOCKbit2 LOCKbit1 LOCKbit0 PWMSYNC Parity 0 0 0 0 0 0 0 0 Figure 4. Channel state diagram (CCM) Capacitive charging mode Disabled Capacitive charging mode Enabled From normal mode: • setting EXIT_CAPCRx bit in SOCR register whenever within tCCM_DIS time • Automatically after t CCM_DIS time elapsed From fail-safe mode: • Automatically after t CCM_DIS time elapsed From normal mode: • CAPCRx = 1 (SOCR register) From fail-safe mode: • MCUext = 1 AND after 5 consecutive rising edges on DIx pins within tCCM_EN (channels • MCUext = 0 AND after 5 consecutive rising according to DIx OTP configuration). edges on DI1 pin within tCCM_EN (relevant channels according to OTP programming) – Device can be in normal or fail-safe mode – Device can be in normal or fail-safe mode VNF9D5F Functional description DS13946 - Rev 8 page 11/108 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |