Electronic Components Datasheet Search
  English  ▼

X  

VNF9D5F Datasheet(PDF) 41 Page - STMicroelectronics

Part # VNF9D5F
Description  2-channel high-side driver with STi²Fuse protection for automotive power distribution applications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF9D5F Datasheet(HTML) 41 Page - STMicroelectronics

Back Button VNF9D5F Datasheet HTML 37Page - STMicroelectronics VNF9D5F Datasheet HTML 38Page - STMicroelectronics VNF9D5F Datasheet HTML 39Page - STMicroelectronics VNF9D5F Datasheet HTML 40Page - STMicroelectronics VNF9D5F Datasheet HTML 41Page - STMicroelectronics VNF9D5F Datasheet HTML 42Page - STMicroelectronics VNF9D5F Datasheet HTML 43Page - STMicroelectronics VNF9D5F Datasheet HTML 44Page - STMicroelectronics VNF9D5F Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 108 page
background image
CTRL
Control register
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
R/W
-
R/W
R/W
-
R/W
W
R
Address:
0x14h
Type:
R/W
Reset:
0
Description:
Control register
[15]
Go to standby.
It is necessary to perform 2 write accesses to enter standby:
1. Write UNLOCK = 1
2. Write GOSTBY = 1 and EN = 0
[14]
Unlock bit.
UNLOCK bit allows protected SPI transactions. It means that the next SPI communication will automatically clear this bit and
prevent any change of protected data (like slope control or Bulb/Led mode for example). As a consequence, modifying a
protected data requires to set UNLOCK bit in a first communication and write the protected data during the next
communication.
[13:12]
-
[11]
Enter normal mode
1 - normal mode
0 - fail-safe mode
To enter normal mode:
• Write UNLOCK = 1
• Write EN = 1
Note:
UNLOCK bit allows protected SPI transactions. Then, the next SPI communication will automatically clear
this bit and prevent any change of protected data (like slope control or Bulb/Led mode for example). As a
consequence, modifying a protected data requires to set UNLOCK bit in a first communication and write the
protected data with the next communication.
[10]
PWM_TRIG: PWM triggering mode
0: PWM trigger according to the rising edge of PWM period and phase shift configuration
1: PWM trigger according to the falling edge of PWM period and phase shift configuration
[9:8]
-
[7:2]
Protected transaction mode:
•
LOCKEN5: Lock enable for INOMx, TNOMx, and ILIM_LATCHx
•
LOCKEN4: Lock enable for slope control SLOPECRx
•
LOCKEN3: Lock enable for Bulb/LED mode CCRx
•
LOCKEN2: Lock enable for phase shift CHPHAx and PWM_TRIG
•
LOCKEN1: Lock enable for configurable blanking time CHLOFFTCRx
•
LOCKEN0: Lock enable for PWM clock synchronization
When the bit is set (LOCKENx = 1), it is used to have a protected transaction:
•
Setting UNLOCK bit
•
Modify the relevant configuration register
•
LOCKENx = 0 means reset value - those configuration registers may be altered with a single frame standard write
command
VNF9D5F
SPI functional description
DS13946 - Rev 8
page 41/108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com