Electronic Components Datasheet Search
  English  ▼

X  

VNF9D5F Datasheet(PDF) 26 Page - STMicroelectronics

Part # VNF9D5F
Description  2-channel high-side driver with STi²Fuse protection for automotive power distribution applications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF9D5F Datasheet(HTML) 26 Page - STMicroelectronics

Back Button VNF9D5F Datasheet HTML 22Page - STMicroelectronics VNF9D5F Datasheet HTML 23Page - STMicroelectronics VNF9D5F Datasheet HTML 24Page - STMicroelectronics VNF9D5F Datasheet HTML 25Page - STMicroelectronics VNF9D5F Datasheet HTML 26Page - STMicroelectronics VNF9D5F Datasheet HTML 27Page - STMicroelectronics VNF9D5F Datasheet HTML 28Page - STMicroelectronics VNF9D5F Datasheet HTML 29Page - STMicroelectronics VNF9D5F Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 108 page
background image
Note:
X = do not care.
0xBF - clear all status registers (RAM access)
When an OpCode ‘10’ (read and clear operation) at address b’111111 is performed.
Table 22. Clear all status registers (RAM access)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Command
OC1
OC0
Address
1
0
1
1
1
1
1
1
DATA1
X
X
X
X
X
X
X
0
0
0
0
0
0
0
DATA2
X
X
X
X
X
X
X
0
0
0
0
0
0
0
Note:
X = do not care.
Note:
Reset value = the value of the register after a power on.
Default value = the default value of the register. Currently this is equivalent to the reset value.
Cleared register = explicitly read and clear of the register, if it is not write-protected.
4.3
Register map
The device contains a set of RAM registers used for device configuration, the device status and ROM registers for
device identification. Since ST-SPI is used, Global Status byte defines the device status, containing fault
information.
4.3.1
Global status byte description
The data shifted out on SDO during each communication starts with a specific byte called global status byte. This
one is used to inform the microcontroller about global faults which can happen at channel-side level (that is, like
thermal shutdown...) or on the SPI interface (like watchdog monitoring timeout event, communication error, ...).
This specific register has the following format:
Table 23. Global Status Byte (GSB)
MSB
LSB
GSBN
RSTB
SPIE
TSD/PL
ITLOFF
LOFF
TCASE
FS
Table 24. Global Status Byte
Bit
Name
Reset
Content
7
Global status bit not
(GSBN)
0
The GSBN is a logically NOR combination of Bit 0 to Bit 6. This bit can also be used as
Global Status Flag without starting a complete communication frame as it is present
directly after pulling CSN low.
6
Reset bit (RSTB)
1
The RSTB indicates a device reset. In case this bit is set, all internal Control Registers
are set to default and kept in that state until the bit is cleared.
The reset bit is automatically cleared by any valid SPI communication
5
SPI error (SPIE)
0
The SPIE is a logical OR combination of errors related to a wrong SPI communication
(SCK count and SDI stuck at errors).
The SPIE bit is automatically set when SDI is stuck at High or Low. The SPIE is
automatically cleared by a valid SPI communication.
VNF9D5F
SPI functional description
DS13946 - Rev 8
page 26/108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com