Electronic Components Datasheet Search
  English  ▼

X  

VNF9D5F Datasheet(PDF) 75 Page - STMicroelectronics

Part # VNF9D5F
Description  2-channel high-side driver with STi²Fuse protection for automotive power distribution applications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF9D5F Datasheet(HTML) 75 Page - STMicroelectronics

Back Button VNF9D5F Datasheet HTML 71Page - STMicroelectronics VNF9D5F Datasheet HTML 72Page - STMicroelectronics VNF9D5F Datasheet HTML 73Page - STMicroelectronics VNF9D5F Datasheet HTML 74Page - STMicroelectronics VNF9D5F Datasheet HTML 75Page - STMicroelectronics VNF9D5F Datasheet HTML 76Page - STMicroelectronics VNF9D5F Datasheet HTML 77Page - STMicroelectronics VNF9D5F Datasheet HTML 78Page - STMicroelectronics VNF9D5F Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 108 page
background image
10.4
Electrical characteristics
7 V < VCC < 28 V, –40 °C < TJ < 150 °C, unless otherwise specified.
Table 52. Power section
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
VCC
Operating supply voltage
4
13
28
V
VUSD
Undervoltage shutdown
VCC decreasing
2
2.7
V
VUSDhyst
Undervoltage shutdown hysteresis
0.1
V
VUSDreset
Undervoltage shutdown reset
VCC rising
3
V
VUSDcranking Undervoltage shutdown during cranking
VCC decreasing
3.2
V
Vclamp
VCC clamp voltage
ICC = 20 mA,
IOUT0,1 = 0 A, TJ = -40 °C
35
V
ICC = 20 mA,
IOUT0,1 = 0 A, 25 °C < TJ < 150 °C
36
38
45
V
ISOFF
Supply current
Standby mode; VCC = 13 V;
TJ = 25 °C; VOUTx = open
0.1
0.8
µA
Standby mode; VCC = 13 V;
TJ = 85 °C; VOUTx = open
0.1
0.8
µA
Standby mode; VCC = 13 V;
TJ = 125 °C; VOUTx = open
8
µA
ISON
Supply current in active mode (device in
fail-safe or normal mode)
ON-state (all channels OFF), VCC = 13 V,
IOUT0,1 = 0 A
4
5.5
mA
∆ISon
Additional supply current for each output in
ON state driving nominal current
ON-state (per channel), VCC = 13 V,
IOUT0,1 = ITYP
1.95
mA
IL(off)
OFF-state output current
VOUT = open, VDD = 0 V,
VCC = 13 V, TJ = 25 °C
(total current, channels 0,1)
0
0.01
0.8
µA
VOUT = open, VDD = 0 V,
VCC = 13 V, TJ = 125 °C
(current per channel)
0
0.7
µA
VF0,1
Output VCC diode voltage(1)
VCC = 13 V, -IOUT = 2.5 A, TJ = 150 °C
0.7
V
1. For each channel.
Table 53. Logic inputs (DI0,1 and STDBY_NOT pins)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIL
Input low level voltage
0.9
V
IIL
Low level input current
VIN = 0.9 V
1
µA
VIH
Input high level voltage
2.1
V
IIH
High level input current
VIN = 2.1 V
10
µA
VI(hyst)
Input hysteresis voltage
0.2
V
VDI0,1_CL
VDI0,1 clamp voltage
IIN = 1 mA
6
8.2
V
VNF9D5F
Electrical specifications
DS13946 - Rev 8
page 75/108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com