Electronic Components Datasheet Search
  English  ▼

X  

VNF9D5F Datasheet(PDF) 79 Page - STMicroelectronics

Part # VNF9D5F
Description  2-channel high-side driver with STi²Fuse protection for automotive power distribution applications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF9D5F Datasheet(HTML) 79 Page - STMicroelectronics

Back Button VNF9D5F Datasheet HTML 75Page - STMicroelectronics VNF9D5F Datasheet HTML 76Page - STMicroelectronics VNF9D5F Datasheet HTML 77Page - STMicroelectronics VNF9D5F Datasheet HTML 78Page - STMicroelectronics VNF9D5F Datasheet HTML 79Page - STMicroelectronics VNF9D5F Datasheet HTML 80Page - STMicroelectronics VNF9D5F Datasheet HTML 81Page - STMicroelectronics VNF9D5F Datasheet HTML 82Page - STMicroelectronics VNF9D5F Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 108 page
background image
Symbol
Parameter
Test conditions
Min.
Typ. Max. Unit
K1
Digital current sense gain: ADCOUT/IOUT
IOUT = 5.4 A
-8%
32
8%
1/A
K2
Digital current sense gain: ADCOUT/IOUT
IOUT = 16.2 A
-7%
32
7%
1/A
IOUT_OFFSET(1)
Output current offset
ISENSE = 000H
-90
90
mA
IOUT_SAT_BULB
Output saturation current in bulb mode
ISENSE = 3FFH
24.5
A
tON_CS(min)_Bulb(1) Minimum ON time for digital current sense availability
280
μs
1. Parameter specified by design and evaluated by characterization, not tested in production.
10.7
LED mode
7 V < VCC < 18 V; -40 °C < TJ < 150 °C, unless otherwise specified.
Table 63. LED–Power section
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
RON_ch0,1(1) ON-state resistance
IOUT = 1.35 A; TJ = 25 °C
-
24
mΩ
IOUT = 1.35 A; TJ = 150 °C
-
52
mΩ
IOUT = 1.35 A; VCC = 4 V; TJ = 25 °C
-
44
mΩ
IOUT = 0.67; VCC = 3.2 V; VCC decreasing; TJ = -40 °C
-
240
mΩ
1. For each channel.
Table 64. LED–Switching (VCC = 13 V; Normal switch mode)
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
tdon(1)
Turn-on delay time Ch0,1 at
TJ = 25 °C to 150 °C
Fail-safe mode, LED mode, from DIx
rising to 20% VOUT; RL = 10 Ω;
SLOPECRx = 00
15
30
50
µs
tdoff(1)
Turn-off delay time Ch0,1 at
TJ = 25 °C to 150 °C
Fail-safe mode, bulb mode, from DIx
falling to 80% VOUT; RL = 10 Ω;
SLOPECRx = 00
16
30
45
µs
tskew(1)
Turn-off, turn-on time Ch0,1 at
TJ = 25 °C to 150 °C
Differential pulse skew (tdoff - tdon);
RL = 10 Ω; SLOPECRx = 00
-50
0
50
µs
(dVOUT/dt)on(1)
Turn-on voltage slope Ch0,1 at
TJ = 25 °C to 150 °C
VOUT = 2.6 V to 7.8 V; RL = 10 Ω;
SLOPECRx = 00
0.35 0.67 1.00 V/µs
VOUT = 2.6 V to 7.8 V; RL = 10 Ω;
SLOPECRx = 01
0.38 0.75 1.13 V/µs
VOUT = 2.6 V to 7.8 V; RL = 10 Ω;
SLOPECRx = 10
0.48 0.92 1.35 V/µs
VOUT = 2.6 V to 7.8 V; RL = 10 Ω;
SLOPECRx = 11
0.65 1.2
1.9
V/µs
(dVOUT/dt)off(1)
Turn-off voltage slope Ch0,1 at
TJ = 25 °C to 150 °C
VOUT = 10.4 V to 5.2 V; RL = 10 Ω;
SLOPECRx = 00
0.28 0.62
1.0
V/µs
VOUT = 10.4 V to 5.2 V; RL = 10 Ω;
SLOPECRx = 01
0.35 0.72
1.1
V/µs
VOUT = 10.4 V to 5.2 V; RL = 10 Ω;
SLOPECRx = 10
0.55 0.95 1.35 V/µs
VOUT = 10.4 V to 5.2 V; RL = 10 Ω;
SLOPECRx = 11
0.7
1.4
2.0
V/µs
VNF9D5F
Electrical specifications
DS13946 - Rev 8
page 79/108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com