Electronic Components Datasheet Search
  English  ▼

X  

VNF9D5F Datasheet(PDF) 9 Page - STMicroelectronics

Part # VNF9D5F
Description  2-channel high-side driver with STi²Fuse protection for automotive power distribution applications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF9D5F Datasheet(HTML) 9 Page - STMicroelectronics

Back Button VNF9D5F Datasheet HTML 5Page - STMicroelectronics VNF9D5F Datasheet HTML 6Page - STMicroelectronics VNF9D5F Datasheet HTML 7Page - STMicroelectronics VNF9D5F Datasheet HTML 8Page - STMicroelectronics VNF9D5F Datasheet HTML 9Page - STMicroelectronics VNF9D5F Datasheet HTML 10Page - STMicroelectronics VNF9D5F Datasheet HTML 11Page - STMicroelectronics VNF9D5F Datasheet HTML 12Page - STMicroelectronics VNF9D5F Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 108 page
background image
Operating mode
Entering conditions
Leaving conditions
Characteristics
Battery
undervoltage:
transition phase
(not device
operating mode)
Any mode: VCC < VUSD
During this case, if the DIx is changed, the
operation mode is not changed and the output
state will be changed accordingly after VCC
recovering.
If VDD NOT present AND
VREG > VREG_POR_H
• Digital current-sense diagnostic: not available
• Output Stages are off regardless SPI or DIx
status
• SPI: active but communication not possible
• Diagnostic: NOT available
• Registers: reading is not possible
• VCCUV flag set, SPI registers content retained.
SPI register content reading always possible
If VCC > VUSD + VUSDhyst, the device comes
back to the last mode and the VCCUV flag is
cleared.
In this case, the operation mode is not changed
and the output state is changed accordingly after
VCC recovering.
If VREG < VREG_POR_L
• Digital current-sense diagnostic: not available
• Output stages are off regardless SPI or DIx
status
The device is reset, the last operation mode is
lost, the logic is unpowered and the device
enters sleep mode as soon as
VCC > VUSD + VUSDhyst.
Transition to fail-safe mode from sleep mode and standby mode
It is mandatory to send a software reset command after the transition to fail-safe mode from sleep mode or
standby mode.
Transition to fail-safe mode from normal mode, using the SPI register
Only one frame is needed: write “CTRL” 0x0001.
Table 3. Frame 1 (write CTRL 0x0001)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
CMD
OC1
OC0
Address
0
0
0
1
0
1
0
0
DATA1
GOSTBY
UNLOCK
Not Used
Not Used
EN
PWM_TRIG
Not Used
Not Used
0
0
0
0
0
0
0
0
DATA2
LOCKbit5
LOCKbit4
LOCKbit3
LOCKbit2
LOCKbit1
LOCKbit0
PWMSYNC
Parity
0
0
0
0
0
0
0
1
Transition to fail-safe mode from normal mode by SW-reset
SPI Reset occurs by using the “read device information” command (applicable only on ROM area) at the reserved
ROM address 0x3F. This is equivalent of sending a 0xFF command.
Only one frame is needed: read “ROM” 0x3F 0x--.
VNF9D5F
Functional description
DS13946 - Rev 8
page 9/108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com