Electronic Components Datasheet Search
  English  ▼

X  

VNF9D5F Datasheet(PDF) 35 Page - STMicroelectronics

Part # VNF9D5F
Description  2-channel high-side driver with STi²Fuse protection for automotive power distribution applications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF9D5F Datasheet(HTML) 35 Page - STMicroelectronics

Back Button VNF9D5F Datasheet HTML 31Page - STMicroelectronics VNF9D5F Datasheet HTML 32Page - STMicroelectronics VNF9D5F Datasheet HTML 33Page - STMicroelectronics VNF9D5F Datasheet HTML 34Page - STMicroelectronics VNF9D5F Datasheet HTML 35Page - STMicroelectronics VNF9D5F Datasheet HTML 36Page - STMicroelectronics VNF9D5F Datasheet HTML 37Page - STMicroelectronics VNF9D5F Datasheet HTML 38Page - STMicroelectronics VNF9D5F Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 108 page
background image
OUTCFGRx
Output configuration register channels 0 to 1
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
R/W
-
R/W
-
R
Address:
0x08h to 0x09h
Type:
R/W
Reset:
0
Description:
Output configuration register channels 0 to 1
[15:14]
Switching slope control
[13]
-
[12:8]
Channel phase value [4:0]
00001: resulting phase = 0/32
00010: resulting phase = 1/32
....
11110: resulting phase = 30/32
11111: resulting phase = 31/32
Each output has a specific mode for the digital conversion of its current. This mode is defined through two dedicated bits
SPCR1 and SPCR0 of OUTCFGRx registers.
[7:6]
Current Sense Sampling Point [1:0]
SPCR1: 0 SPCR0: 0 STOP Mode: authorizes digital conversion to be launched at each beginning of On phase of the selected
channel.
SPCR1: 0 SPCR0: 1 START Mode: authorizes digital conversion to be launched just before the end of On phase of the
selected channel.
SPCR1: 1 SPCR0: 0 CONTINUOUS Mode: authorizes digital conversion during all On phase of the selected channel.
SPCR1: 1 SPCR0: 1 FILTERED Mode: authorizes digital conversion like CONTINUOUS mode with the use of Lowpass Filter
to filter datas coming from the conversion. It is useful at low level output current.
[5:4]
PWM frequency selection[1:0]
Each output has a specific ratio for its PWM functionality. This mode is defined through two dedicated bits PWMFCY1 and
PWMFCY0 of OUTCFGRx registers.
PWMFCY1: 0 PWMFCY0: 0 PWM Freq ratio: 1024
PWMFCY1: 0 PWMFCY0: 1 = PWM Freq ratio: 2048
PWMFCY1: 1 PWMFCY0: 0 = PWM Freq ratio: 4096
PWMFCY1: 1 PWMFCY0: 1 = PWM Freq ratio: 512
When a combination will be selected, the output frequency of the selected channel will be the PWM clock input frequency
divided by the defined ratio.
[3]
Set the channel configuration (Bulb/LED)
0: Bulb mode
1: Led mode
Led mode internally set to ‘0’ if parallel mode is selected whatever is the logic state of this bit.
Enabling LED mode both the I²t protection and the capacitive charge mode is disabled.
VNF9D5F
SPI functional description
DS13946 - Rev 8
page 35/108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com