Electronic Components Datasheet Search
  English  ▼

X  

VNF9D5F Datasheet(PDF) 71 Page - STMicroelectronics

Part # VNF9D5F
Description  2-channel high-side driver with STi²Fuse protection for automotive power distribution applications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF9D5F Datasheet(HTML) 71 Page - STMicroelectronics

Back Button VNF9D5F Datasheet HTML 67Page - STMicroelectronics VNF9D5F Datasheet HTML 68Page - STMicroelectronics VNF9D5F Datasheet HTML 69Page - STMicroelectronics VNF9D5F Datasheet HTML 70Page - STMicroelectronics VNF9D5F Datasheet HTML 71Page - STMicroelectronics VNF9D5F Datasheet HTML 72Page - STMicroelectronics VNF9D5F Datasheet HTML 73Page - STMicroelectronics VNF9D5F Datasheet HTML 74Page - STMicroelectronics VNF9D5F Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 108 page
background image
Symbol
Parameter
Value
Unit
VVREG
DC digital control supply
6
V
-VVREG
Reverse digital control supply
0.3
V
IVSTDBY_NOT DC STDBY_NOT pin current
+10/-1
mA
VSTDBY_NOT DC STDBY_NOT pin voltage
6
V
-VSTDBY_NOT Reverse DC STDBY_NOT pin voltage
0.3
V
ILATCH_UP
Latch up current
±20
mA
EMAX
Maximum switching energy (single pulse); TJstart = 150 °C, LED mode
14
mJ
Maximum switching energy (single pulse); TJstart = 150 °C, Bulb mode
50
ESD
Electrostatic discharge (ANSI-ESDA-JEDEC-JS-001-2014)
DI0,1
2000
V
VDD, VREG, STDBY_NOT
2000
V
CSN, SDI, SCK, SDO
2000
V
OUT0,1
4000
V
VCC
4000
V
TJ
Operating junction temperature range
-40 to 150
°C
Tstg
Storage temperature range
-55 to 150
°C
1. Internally limited in operative mode.
10.2
Thermal data
Table 48. Thermal data
Symbol
Parameter
Typ. value
Unit
RthJB
Thermal resistance, junction-to-board (JEDEC JESD 51-8)
6.5
°C/W
RthJA
Thermal resistance, junction-to-ambient
See Figure 47
°C/W
10.3
SPI electrical characteristics
2.7 V < VDD < 5.5 V, 2.7 V < VCC < 28 V, -40 °C < TJ < 150 °C, unless otherwise specified.
Table 49. DC characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VDD and VREG pins
VDD
Operating digital I/O pins supply
5
V
VDD_TH
Low Voltage Detection Threshold
1.2
1.8
2.4
V
IVDD
Digital I/O pins supply current in
normal mode
VDD = 5 V; SPI active without frame
communication
11
20
µA
IVDDstdby
Digital part supply current in
standby state
VDD = 5 V; TJ = 125 °C;
INx = 0 V
11
20
µA
VREG
Digital logic supply
4.25
4.70
5.20
V
VREG_POR_H
Digital logic supply,
Power-on reset threshold. Device
leaves the sleep mode.
Supply of digital part is reset.
VREG increasing; VCC > VUSD
1.65
2.15
2.65
V
VNF9D5F
Electrical specifications
DS13946 - Rev 8
page 71/108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com