Electronic Components Datasheet Search
  English  ▼

X  

TPS54821 Datasheet(PDF) 16 Page - Texas Instruments

Part # TPS54821
Description  TPS54821 4.5 V to 17 V Input, 8 A Synchronous Step Down Converter With Hiccup
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS54821 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS54821 Datasheet HTML 12Page - Texas Instruments TPS54821 Datasheet HTML 13Page - Texas Instruments TPS54821 Datasheet HTML 14Page - Texas Instruments TPS54821 Datasheet HTML 15Page - Texas Instruments TPS54821 Datasheet HTML 16Page - Texas Instruments TPS54821 Datasheet HTML 17Page - Texas Instruments TPS54821 Datasheet HTML 18Page - Texas Instruments TPS54821 Datasheet HTML 19Page - Texas Instruments TPS54821 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
D
´
V out2 +
V
V ssoffset
R1 =
V ref
Iss
SS/TR
TPS54821
EN
PWRGD
SS/TR
EN
PWRGD
TPS54821
SS/TR
EN
PWRGD
SS/TR
EN
PWRGD
TPS54821
TPS54821
16
TPS54821
SLVSB14B – OCTOBER 2011 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: TPS54821
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Device Functional Modes (continued)
The sequential method is illustrated in Figure 22 using two TPS54821 devices. The power good of the first
device is coupled to the EN pin of the second device which enables the second power supply once the primary
supply reaches regulation.
Figure 22. Sequential Start Up Sequence
Figure 23 shows the method implementing ratio-metric sequencing by connecting the SS/TR pins of two devices
together. The regulator outputs ramp up and reach regulation at the same time. When calculating the slow start
time the pull-up current source must be doubled in Equation 5.
Figure 23. Ratio-metric Start Up Sequence
Ratio-metric and simultaneous power supply sequencing can be implemented by connecting the resistor network
of R1 and R2 shown in Figure 24 to the output of the power supply that needs to be tracked or another voltage
reference source. Using Equation 6 and Equation 7, the tracking resistors can be calculated to initiate the Vout2
slightly before, after or at the same time as Vout1. Equation 8 is the voltage difference between Vout1 and
Vout2.
To design a ratio-metric start up in which the Vout2 voltage is slightly greater than the Vout1 voltage when Vout2
reaches regulation, use a negative number in Equation 6 and Equation 7 for deltaV. Equation 8 results in a
positive number for applications where the Vout2 is slightly lower than Vout1 when Vout2 regulation is
achieved. .
The deltaV variable is zero volt for simultaneous sequencing. To minimize the effect of the inherent SS/TR to
VSENSE offset (Vssoffset, 29mV) in the slow start circuit and the offset created by the pull-up current source
(Iss, 2.3
μA) and tracking resistors, the Vssoffset and Iss are included as variables in the equations.
To ensure proper operation of the device, the calculated R1 value from Equation 6 must be greater than the
value calculated in Equation 9.
(6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com