Electronic Components Datasheet Search
  English  ▼

X  

TPS54821 Datasheet(PDF) 28 Page - Texas Instruments

Part # TPS54821
Description  TPS54821 4.5 V to 17 V Input, 8 A Synchronous Step Down Converter With Hiccup
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS54821 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TPS54821 Datasheet HTML 24Page - Texas Instruments TPS54821 Datasheet HTML 25Page - Texas Instruments TPS54821 Datasheet HTML 26Page - Texas Instruments TPS54821 Datasheet HTML 27Page - Texas Instruments TPS54821 Datasheet HTML 28Page - Texas Instruments TPS54821 Datasheet HTML 29Page - Texas Instruments TPS54821 Datasheet HTML 30Page - Texas Instruments TPS54821 Datasheet HTML 31Page - Texas Instruments TPS54821 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
0
10
20
30
40
50
60
70
80
90
100
0
1
2
3
4
5
6
7
8
Output Current (A)
VIN = 8 V
VIN = 12 V
VIN = 17 V
G001
V
=12V,
V
=3.3V,
Fsw=480kHz,
roomtemp,noairflow
IN
OUT
25
50
75
100
125
150
0
1
2
3
4
5
6
LoadCurrent- A
−1
−0.8
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
0.8
1
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5 6 6.5 7 7.5 8
Output Current (A)
VIN = 12 V
G003
0.00001
0.0001
0.001
0.01
0.1
1
10
0.001
0.01
0.1
1
10
TrackInVoltage-V
0.00001
0.0001
0.001
0.01
0.1
1
10
Vout
IdealVsense
Vsense
−0.02
−0.015
−0.01
−0.005
0
0.005
0.01
0.015
0.02
8
9
10
11
12
13
14
15
16
17
Input Voltage (V)
IOUT = 4 A
G004
100
1000
10000
100000
1000000
−60
−50
−40
−30
−20
−10
0
10
20
30
40
50
60
−180
−150
−120
−90
−60
−30
0
30
60
90
120
150
180
Frequency (Hz)
Gain
Phase
G001
28
TPS54821
SLVSB14B – OCTOBER 2011 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: TPS54821
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Figure 37. Closed Loop ResponsE, IOUT = 4 A
Figure 38. Line Regulation
Figure 39. Load Regulation
Figure 40. Tracking Performance
Figure 41. Maximum Ambient Temperature vs Load
Current
Figure 42. Efficiency vs Load Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com