Electronic Components Datasheet Search
  English  ▼

X  

TPS54821 Datasheet(PDF) 23 Page - Texas Instruments

Part # TPS54821
Description  TPS54821 4.5 V to 17 V Input, 8 A Synchronous Step Down Converter With Hiccup
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS54821 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TPS54821 Datasheet HTML 19Page - Texas Instruments TPS54821 Datasheet HTML 20Page - Texas Instruments TPS54821 Datasheet HTML 21Page - Texas Instruments TPS54821 Datasheet HTML 22Page - Texas Instruments TPS54821 Datasheet HTML 23Page - Texas Instruments TPS54821 Datasheet HTML 24Page - Texas Instruments TPS54821 Datasheet HTML 25Page - Texas Instruments TPS54821 Datasheet HTML 26Page - Texas Instruments TPS54821 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
(
)
-
=
×
×
Vinmin
Vout
Vout
Icirms
Iout
Vinmin
Vinmin
(
)
12
f
×
-
=
×
×
×
Vout
Vinmax
Vout
Icorms
Vinmax L1
sw
<
Voripple
Resr
Iripple
1
1
8
f
>
×
×
Co
Voripple
sw
Iripple
2
f
× D
>
× D
Iout
Co
sw
Vout
23
TPS54821
www.ti.com
SLVSB14B – OCTOBER 2011 – REVISED FEBRUARY 2016
Product Folder Links: TPS54821
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
The desired response to a large change in the load current is the first criteria. The output capacitor needs to
supply the load with current when the regulator can not. This situation would occur if there are desired hold-up
times for the regulator where the output capacitor must hold the output voltage above a certain level for a
specified amount of time after the input power is removed. The regulator is also temporarily not able to supply
sufficient output current if there is a large, fast increase in the current needs of the load such as a transition from
no load to full load. The regulator usually needs two or more clock cycles for the control loop to see the change
in load current and output voltage and adjust the duty cycle to react to the change. The output capacitor must be
sized to supply the extra current to the load until the control loop responds to the load change. The output
capacitance must be large enough to supply the difference in current for 2 clock cycles while only allowing a
tolerable amount of droop in the output voltage. Equation 22 shows the minimum output capacitance necessary
to accomplish this.
(22)
Where
ΔIout is the change in output current, Fsw is the regulators switching frequency and ΔVout is the
allowable change in the output voltage. For this example, the transient load response is specified as a 7%
change in Vout for a load step of 4 A. For this example,
ΔIout = 4 A and ΔVout = 0.07 x 3.3 = 0.231 V. Using
these numbers gives a minimum capacitance of 72.2
μF. This value does not take the ESR of the output
capacitor into account in the output voltage change. For ceramic capacitors, the ESR is usually small enough to
ignore in this calculation.
Equation 23 calculates the minimum output capacitance needed to meet the output voltage ripple specification.
Where fsw is the switching frequency, Vripple is the maximum allowable output voltage ripple, and Iripple is the
inductor ripple current. In this case, the maximum output voltage ripple is 33mV. Under this requirement,
Equation 23 yields 14.6 µF.
(23)
Equation 24 calculates the maximum ESR an output capacitor can have to meet the output voltage ripple
specification. Equation 24 indicates the ESR should be less than 17.9 m
Ω. In this case, the ceramic caps’ ESR is
much smaller than 17.9 m
Ω.
(24)
Additional capacitance de-ratings for aging, temperature and DC bias should be factored in which increases this
minimum value. For this example, 2 x 47
μF 10 V X5R ceramic capacitor with 3 mΩ of ESR are used. Capacitors
generally have limits to the amount of ripple current they can handle without failing or producing excess heat. An
output capacitor that can support the inductor ripple current must be specified. Some capacitor data sheets
specify the RMS (Root Mean Square) value of the maximum ripple current. Equation 25 can be used to calculate
the RMS ripple current the output capacitor needs to support. For this application, Equation 25 yields 485mA.
(25)
8.2.2.5 Input Capacitor Selection
The TPS54821 requires a high quality ceramic, type X5R or X7R, input decoupling capacitor of at least 4.7 µF of
effective capacitance on the PVIN input voltage pins and 4.7 µF on the Vin input voltage pin. In some
applications additional bulk capacitance may also be required for the PVIN input. The effective capacitance
includes any DC bias effects. The voltage rating of the input capacitor must be greater than the maximum input
voltage. The capacitor must also have a ripple current rating greater than the maximum input current ripple of the
TPS54821. The input ripple current can be calculated using Equation 26.
(26)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com