Electronic Components Datasheet Search
  English  ▼

X  

TPS54821 Datasheet(PDF) 27 Page - Texas Instruments

Part # TPS54821
Description  TPS54821 4.5 V to 17 V Input, 8 A Synchronous Step Down Converter With Hiccup
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS54821 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TPS54821 Datasheet HTML 23Page - Texas Instruments TPS54821 Datasheet HTML 24Page - Texas Instruments TPS54821 Datasheet HTML 25Page - Texas Instruments TPS54821 Datasheet HTML 26Page - Texas Instruments TPS54821 Datasheet HTML 27Page - Texas Instruments TPS54821 Datasheet HTML 28Page - Texas Instruments TPS54821 Datasheet HTML 29Page - Texas Instruments TPS54821 Datasheet HTML 30Page - Texas Instruments TPS54821 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
V
= 20 mV/div (ac coupled)
OUT
Time = 1 µs/div
PH = 5 V/div
V
= 500 mV/div (ac coupled)
IN
Time = 1 µs/div
PH = 5 V/div
V
= 2 V/div
OUT
Time = 5 ms/div
SS/TR = 1 V/div
EN = 5 V/div
PWRGD = 5 V/div
V
= 1 V/div (1 V pre-bias)
OUT
Time = 2 ms/div
V
= 5 V/div
IN
V
= 100 mV/div (ac coupled)
OUT
I
= 2 A/div
OUT
Time = 100 µs/div
2 A to 6 A load step,
slew rate = 1 A / µsec
V
= 2 V/div
OUT
Time = 5 ms/div
SS/TR = 1 V/div
V
= 10 V/div
IN
PWRGD = 5 V/div
27
TPS54821
www.ti.com
SLVSB14B – OCTOBER 2011 – REVISED FEBRUARY 2016
Product Folder Links: TPS54821
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
8.2.3 Application Curves
Figure 31. Load Transient
Figure 32. STARTUP with VIN
Figure 33. STARTUP with EN
Figure 34. STARTUP with PRE-BIAS
Figure 35. Output Voltage RipplE with Full Load
Figure 36. Input Voltage RipplE with Full Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com