Electronic Components Datasheet Search
  English  ▼

X  

TPS54821 Datasheet(PDF) 22 Page - Texas Instruments

Part # TPS54821
Description  TPS54821 4.5 V to 17 V Input, 8 A Synchronous Step Down Converter With Hiccup
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS54821 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TPS54821 Datasheet HTML 18Page - Texas Instruments TPS54821 Datasheet HTML 19Page - Texas Instruments TPS54821 Datasheet HTML 20Page - Texas Instruments TPS54821 Datasheet HTML 21Page - Texas Instruments TPS54821 Datasheet HTML 22Page - Texas Instruments TPS54821 Datasheet HTML 23Page - Texas Instruments TPS54821 Datasheet HTML 24Page - Texas Instruments TPS54821 Datasheet HTML 25Page - Texas Instruments TPS54821 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
2
=
+
Iripple
ILpeak
Iout
(
)
2
2
1
12
f
æ
ö
×
-
=
+
×ç
÷
ç
÷
×
×
è
ø
o
V
Vinmax
Vo
ILrms
Io
Vinmax L1
sw
f
-
=
×
×
Vinmax
Vout
Vout
Iripple
L1
Vinmax
sw
f
-
=
×
×
×
Vinm ax
Vout
Vout
L1
Io Kind
Vinm ax
sw
22
TPS54821
SLVSB14B – OCTOBER 2011 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: TPS54821
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
8.2.2 Design Guide – Step-By-Step Design Procedure
8.2.2.1 Typical Application Schematic
The application schematic of Figure 29 was developed to meet the requirements above. This circuit is available
as the TPS54821EVM-049 evaluation module. The design procedure is given in this section. For more
information about Type II and Type III frequency compensation circuits, see Designing Type III Compensation for
Current Mode Step-Down Converters (SLVA352) and Design Calculator (SLVC219).
8.2.2.2 Operating Frequency
The first step is to decide on a switching frequency for the regulator. There is a trade off between higher and
lower switching frequencies. Higher switching frequencies may produce smaller a solution size using lower
valued inductors and smaller output capacitors compared to a power supply that switches at a lower frequency.
However, the higher switching frequency causes extra switching losses, which hurt the converter’s efficiency and
thermal performance. In this design, a moderate switching frequency of 480 kHz is selected to achieve both a
small solution size and a high efficiency operation.
8.2.2.3 Output Inductor Selection
To calculate the value of the output inductor, use Equation 18. KIND is a coefficient that represents the amount
of inductor ripple current relative to the maximum output current. The inductor ripple current is filtered by the
output capacitor. Therefore, choosing high inductor ripple currents impact the selection of the output capacitor
since the output capacitor must have a ripple current rating equal to or greater than the inductor ripple current. In
general, the inductor ripple value is at the discretion of the designer; however, KIND is normally from 0.1 to 0.3
for the majority of applications.
(18)
For this design example, use KIND = 0.3 and the minimum inductor value is calculated to be 2.31 µH. For this
design, a larger standard value was chosen: 3.3 µH. For the output filter inductor, it is important that the RMS
current and saturation current ratings not be exceeded. The RMS and peak inductor current can be found from
Equation 20 and Equation 21.
(19)
(20)
(21)
For this design, the RMS inductor current is 8.015 A and the peak inductor current is 8.839 A. The chosen
inductor is a Vishay IHLP4040DZER3R3M1series 3.3 µH. It has a saturation current rating of 18.6 A (-20%
inductance) and a RMS current rating of 10 A (40°C temperature rise).
The current flowing through the inductor is the inductor ripple current plus the output current. During power up,
faults or transient load conditions, the inductor current can increase above the calculated peak inductor current
level calculated above. In transient conditions, the inductor current can increase up to the switch current limit of
the device. For this reason, the most conservative approach is to specify an inductor with a saturation current
rating equal to or greater than the switch current limit rather than the peak inductor current.
8.2.2.4 Output Capacitor Selection
There are three primary considerations for selecting the value of the output capacitor. The output capacitor
determines the modulator pole, the output voltage ripple, and how the regulator responds to a large change in
load current. The output capacitance needs to be selected based on the more stringent of these three criteria



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com