Electronic Components Datasheet Search
  English  ▼

X  

TPS54821 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS54821
Description  TPS54821 4.5 V to 17 V Input, 8 A Synchronous Step Down Converter With Hiccup
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS54821 Datasheet(HTML) 2 Page - Texas Instruments

  TPS54821 Datasheet HTML 1Page - Texas Instruments TPS54821 Datasheet HTML 2Page - Texas Instruments TPS54821 Datasheet HTML 3Page - Texas Instruments TPS54821 Datasheet HTML 4Page - Texas Instruments TPS54821 Datasheet HTML 5Page - Texas Instruments TPS54821 Datasheet HTML 6Page - Texas Instruments TPS54821 Datasheet HTML 7Page - Texas Instruments TPS54821 Datasheet HTML 8Page - Texas Instruments TPS54821 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
2
TPS54821
SLVSB14B – OCTOBER 2011 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: TPS54821
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings.............................................................. 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information .................................................. 5
6.5
Electrical Characteristics........................................... 5
6.6
Typical Characteristics .............................................. 7
7
Detailed Description ............................................ 10
7.1
Overview ................................................................. 10
7.2
Functional Block Diagram ....................................... 11
7.3
Feature Description................................................. 11
7.4
Device Functional Modes........................................ 12
8
Application and Implementation ........................ 21
8.1
Application Information............................................ 21
8.2
Typical Application .................................................. 21
9
Power Supply Recommendations ...................... 29
10
Layout................................................................... 30
10.1
PCB Layout Guidelines ......................................... 30
10.2
Layout Example .................................................... 31
11
Device and Documentation Support ................. 33
11.1
Trademarks ........................................................... 33
11.2
Electrostatic Discharge Caution ............................ 33
11.3
Glossary ................................................................ 33
12
Mechanical, Packaging, and Orderable
Information ........................................................... 34
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (November 2014) to Revision B
Page
•
Deleted SWIFT™ from the data sheet title ........................................................................................................................... 1
•
Deleted Features: For SWIFT™ Documentation visit http://www.ti.com/swift........................................................................ 1
•
Moved Storage temperature to the Absolute Maximum Ratings............................................................................................ 4
•
Changed Handling Ratings to ESD Ratings .......................................................................................................................... 4
Changes from Original (October 2011) to Revision A
Page
•
Added Handling Rating table, Feature Description section, Device Functional Modes, Application and
Implementation section, Power Supply Recommendations section, Layout section, Device and Documentation ............... 1
•
Deleted Feature: –40°C to 125°C Operating Junction Temperature Range ......................................................................... 1
•
Added the I/O column to the Pin Functions table .................................................................................................................. 3
•
Added IOUT = 8A and IOUT = 6A to the Operating Junction Temperature row of the ABS MAX table, also Min = -40
and Max =150 ........................................................................................................................................................................ 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com