Electronic Components Datasheet Search
  English  ▼

X  

TPS54821 Datasheet(PDF) 20 Page - Texas Instruments

Part # TPS54821
Description  TPS54821 4.5 V to 17 V Input, 8 A Synchronous Step Down Converter With Hiccup
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS54821 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TPS54821 Datasheet HTML 16Page - Texas Instruments TPS54821 Datasheet HTML 17Page - Texas Instruments TPS54821 Datasheet HTML 18Page - Texas Instruments TPS54821 Datasheet HTML 19Page - Texas Instruments TPS54821 Datasheet HTML 20Page - Texas Instruments TPS54821 Datasheet HTML 21Page - Texas Instruments TPS54821 Datasheet HTML 22Page - Texas Instruments TPS54821 Datasheet HTML 23Page - Texas Instruments TPS54821 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
(
)
1
C11
2
R8 fc
=
× ×
×
p
ESR
R
Co
C6 =
R4
´
L
R
Co
C4 =
R4
´
O
L
1
p =
C
R
2
æ
ö
¦
ç
÷
´
´
è
ø
p
ea
ps
2
c
VOUT
Co
R4 =
gm
Vref
gm
´ ¦
´
´
´
´
p
Vref
VOUT
R8
R4
C4
C6
R9
Coea
Roea
gmea
COMP
VSENSE
Type 2A
Type 2B
R4
C4
C11
Type 3
20
TPS54821
SLVSB14B – OCTOBER 2011 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: TPS54821
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Device Functional Modes (continued)
7.4.14 Small Signal Model for Frequency Compensation
The device uses a transconductance amplifier for the error amplifier and readily supports two of the commonly
used Type II compensation circuits and a Type III frequency compensation circuit, as shown in Figure 28. In
Type 2A, one additional high frequency pole, C6, is added to attenuate high frequency noise. In Type III, one
additional capacitor, C11, is added to provide a phase boost at the crossover frequency. See Designing Type III
Compensation for Current Mode Step-Down Converters (SLVA352) for a complete explanation of Type III
compensation.
The design guidelines below are provided for advanced users who prefer to compensate using the general
method. The below equations only apply to designs whose ESR zero is above the bandwidth of the control loop.
This is usually true with ceramic output capacitors. See the Application Information section for a step-by-step
design procedure using higher ESR output capacitors with lower ESR zero frequencies.
Figure 28. Types of Frequency Compensation
The general design guidelines for device loop compensation are as follows:
1. Determine the crossover frequency, fc. A good starting point is 1/10th of the switching frequency, fsw.
2. R4 can be determined by:
(14)
Where:
gmea is the GM amplifier gain (1300μA/V)
gmps is the power stage gain (21A/V)
Vref is the reference voltage (0.6V)
3. Place a compensation zero at the dominant pole:
C4 can be determined by:
(15)
4. C6 is optional. It can be used to cancel the zero from the ESR (Equivalent Series Resistance) of the output
capacitor Co.
(16)
5. Type III compensation can be implemented with the addition of one capacitor, C11. This allows for slightly
higher loop bandwidths and higher phase margins. If used, C11 is calculated from Equation 17.
(17)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com