Electronic Components Datasheet Search
  English  ▼

X  

TPS54821 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS54821
Description  TPS54821 4.5 V to 17 V Input, 8 A Synchronous Step Down Converter With Hiccup
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS54821 Datasheet(HTML) 5 Page - Texas Instruments

  TPS54821 Datasheet HTML 1Page - Texas Instruments TPS54821 Datasheet HTML 2Page - Texas Instruments TPS54821 Datasheet HTML 3Page - Texas Instruments TPS54821 Datasheet HTML 4Page - Texas Instruments TPS54821 Datasheet HTML 5Page - Texas Instruments TPS54821 Datasheet HTML 6Page - Texas Instruments TPS54821 Datasheet HTML 7Page - Texas Instruments TPS54821 Datasheet HTML 8Page - Texas Instruments TPS54821 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
5
TPS54821
www.ti.com
SLVSB14B – OCTOBER 2011 – REVISED FEBRUARY 2016
Product Folder Links: TPS54821
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
Power rating at a specific ambient temperature TA should be determined with a junction temperature of 125°C. This is the point where
distortion starts to substantially increase. Thermal management of the PCB should strive to keep the junction temperature at or below
125°C for best performance and long-term reliability. See power dissipation estimate in application section of this data sheet for more
information.
(3)
Test board conditions:
(a) 2.5 inches × 2.5 inches, 4 layers, thickness: 0.062 inch
(b) 2 oz. copper traces located on the top of the PCB
(c) 2 oz. copper ground planes on the 2 internal layers and bottom layer
(d) 4 0.010 inch thermal vias located under the device package
6.4 Thermal Information
THERMAL METRIC(1)(2)
TPS54821
UNITS
RHL (14 PINS)
RθJA
Junction-to-ambient thermal resistance
47.2
°C/W
RθJA
Junction-to-ambient thermal resistance(3)
32
RθJCtop
Junction-to-case (top) thermal resistance
64.8
RθJB
Junction-to-board thermal resistance
14.4
ψJT
Junction-to-top characterization parameter
0.5
ψJB
Junction-to-board characterization parameter
14.7
RθJCbot
Junction-to-case (bottom) thermal resistance
3.2
(1)
Measured at pins
6.5 Electrical Characteristics
TJ = –40°C to 125°C, VIN = 4.5V to 17V, PVIN = 1.6V to 17V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE (VIN AND PVIN PINS)
PVIN operating input voltage
1.6
17
V
VIN operating input voltage
4.5
17
V
VIN internal UVLO threshold
VIN rising
4.0
4.5
V
VIN internal UVLO hysteresis
150
mV
VIN shutdown supply Current
EN = 0 V
2
5
μA
VIN operating – non switching supply current
VSENSE = 610 mV
600
800
μA
ENABLE AND UVLO (EN PIN)
Enable threshold
Rising
1.21
1.26
V
Enable threshold
Falling
1.10
1.17
Input current
EN = 1.1 V
1.15
μA
Hysteresis current
EN = 1.3 V
3.3
μA
VOLTAGE REFERENCE
Voltage reference
0 A
≤ IOUT ≤ 8A
0.594
0.6
0.606
V
MOSFET
High-side switch resistance
BOOT-PH = 3 V
32
60
m
Ω
High-side switch resistance(1)
BOOT-PH = 6 V
26
40
m
Ω
Low-side Switch Resistance(1)
VIN = 12 V
19
30
m
Ω
ERROR AMPLIFIER
Error amplifier Transconductance (gm)
–2
μA < ICOMP < 2 μA, V(COMP) = 1 V
1300
μMhos
Error amplifier dc gain
VSENSE = 0.6 V
1000
4000
V/V
Error amplifier source/sink
V(COMP) = 1 V, 100 mV input overdrive
±110
μA
Start switching threshold
0.25
V
COMP to Iswitch gm
21
A/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com