Electronic Components Datasheet Search
  English  ▼

X  

TPS54821 Datasheet(PDF) 30 Page - Texas Instruments

Part # TPS54821
Description  TPS54821 4.5 V to 17 V Input, 8 A Synchronous Step Down Converter With Hiccup
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS54821 Datasheet(HTML) 30 Page - Texas Instruments

Back Button TPS54821 Datasheet HTML 26Page - Texas Instruments TPS54821 Datasheet HTML 27Page - Texas Instruments TPS54821 Datasheet HTML 28Page - Texas Instruments TPS54821 Datasheet HTML 29Page - Texas Instruments TPS54821 Datasheet HTML 30Page - Texas Instruments TPS54821 Datasheet HTML 31Page - Texas Instruments TPS54821 Datasheet HTML 32Page - Texas Instruments TPS54821 Datasheet HTML 33Page - Texas Instruments TPS54821 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
30
TPS54821
SLVSB14B – OCTOBER 2011 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: TPS54821
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
10 Layout
10.1 PCB Layout Guidelines
Layout is a critical portion of good power supply design. See Figure 45 for a PCB layout example. The top layer
contains the main power traces for VIN, VOUT, and VPHASE. Also on the top layer are connections for the
remaining pins of the TPS54821 and a large top side area filled with ground. The top layer ground area should
be connected to the internal ground layer(s) using vias at the input bypass capacitor, the output filter capacitor
and directly under the TPS54821 device to provide a thermal path from the exposed thermal pad land to ground.
The GND pin should be tied directly to the power pad under the IC and the power pad. For operation at full rated
load, the top side ground area together with the internal ground plane, must provide adequate heat dissipating
area. There are several signals paths that conduct fast changing currents or voltages that can interact with stray
inductance or parasitic capacitance to generate noise or degrade the power supplies performance. To help
eliminate these problems, the PVIN pin should be bypassed to ground with a low ESR ceramic bypass capacitor
with X5R or X7R dielectric. Care should be taken to minimize the loop area formed by the bypass capacitor
connections, the PVIN pins, and the ground connections. The VIN pin must also be bypassed to ground using a
low ESR ceramic capacitor with X5R or X7R dielectric. Make sure to connect this capacitor to the quite analog
ground trace rather than the power ground trace of the PVIn bypass capacitor. Since the PH connection is the
switching node, the output inductor should be located close to the PH pins, and the area of the PCB conductor
minimized to prevent excessive capacitive coupling. The output filter capacitor ground should use the same
power ground trace as the PVIN input bypass capacitor. Try to minimize this conductor length while maintaining
adequate width. The small signal components should be grounded to the analog ground path as shown. The
RT/CLK pin is sensitive to noise so the RT resistor should be located as close as possible to the IC and routed
with minimal lengths of trace. The additional external components can be placed approximately as shown. It may
be possible to obtain acceptable performance with alternate PCB layouts, however this layout has been shown to
produce good results and is meant as a guideline.
Land pattern and stencil information is provided in the data sheet addendum. The dimension and outline
information is for the standard RHL (S-PVQFN-N14) package. There may be slight differences between the
provided data and actual lead frame used on the TPS54821RHL package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com