Electronic Components Datasheet Search
  English  ▼

X  

TPS54821 Datasheet(PDF) 26 Page - Texas Instruments

Part # TPS54821
Description  TPS54821 4.5 V to 17 V Input, 8 A Synchronous Step Down Converter With Hiccup
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS54821 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TPS54821 Datasheet HTML 22Page - Texas Instruments TPS54821 Datasheet HTML 23Page - Texas Instruments TPS54821 Datasheet HTML 24Page - Texas Instruments TPS54821 Datasheet HTML 25Page - Texas Instruments TPS54821 Datasheet HTML 26Page - Texas Instruments TPS54821 Datasheet HTML 27Page - Texas Instruments TPS54821 Datasheet HTML 28Page - Texas Instruments TPS54821 Datasheet HTML 29Page - Texas Instruments TPS54821 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
× p ×
×
×
REF
CO
OUT
1
C9 =
V
2
R7 F
V
× p ×
×
P
P
1
F
=
2
C9 R7
R8
× p ×
×
Z
1
F
=
2
C9 R7
× p ×
×
P
1
C5 =
2
R5 F
× p ×
×
CO
1
C4 =
F
2
R5
10
-
×
PWRSTG
G
20
out
EA
REF
V
10
R5 =
gm
V
26
TPS54821
SLVSB14B – OCTOBER 2011 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: TPS54821
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
For this design, the intended crossover frequency is 80 kHz. From the power stage gain and phase plots, the
gain at 80 kHz is -8.281 dB and the phase is -137 degrees. For 60 degrees of phase margin, additional phase
boost from a feed forward capacitor in parallel with the upper resistor of the voltage set point divider will be
required. R5 sets the gain of the compensated error amplifier to be equal and opposite the power stage gain at
crossover. The required value of R5 can be calculated from Equation 32.
(32)
To maximize phase gain, the compensator zero is placed one decade below the crossover frequency of 80 kHz.
The required value for C4 is given by Equation 33.
(33)
To maximize phase gain the high frequency pole is placed one decade above the crossover frequency of 80 kHz.
The required value for C5 can be calculated from Equation 34.
(34)
The feed forward capacitor C9, is used to increase the phase boost at crossover above what is normally
available from Type II compensation. It places an additional zero/pole pair located at Equation 35 and
Equation 36.
(35)
(36)
This zero and pole pair is not independent. Once the zero location is chosen, the pole is fixed as well. For
optimum performance, the zero and pole should be located symmetrically about the intended crossover
frequency. The required value for C9 can calculated from Equation 37.
(37)
For this design the calculated values for the compensation components are R5 = 4.68 k
Ω ,C4 = 4290 pF, C5 =
42.9 pF and C9 = 467 pF. Using standard values, the compensation components are R5 = 4.64 k
Ω ,C4 = 3900
pF, C5 = 39 pF and C9 = 470 pF.
8.2.2.11 Fast Transient Considerations
In applications where fast transient responses are important, Type III frequency compensation can be used
instead of the traditional Type II frequency compensation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com