Electronic Components Datasheet Search
  English  ▼

X  

TPS54821 Datasheet(PDF) 31 Page - Texas Instruments

Part # TPS54821
Description  TPS54821 4.5 V to 17 V Input, 8 A Synchronous Step Down Converter With Hiccup
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS54821 Datasheet(HTML) 31 Page - Texas Instruments

Back Button TPS54821 Datasheet HTML 27Page - Texas Instruments TPS54821 Datasheet HTML 28Page - Texas Instruments TPS54821 Datasheet HTML 29Page - Texas Instruments TPS54821 Datasheet HTML 30Page - Texas Instruments TPS54821 Datasheet HTML 31Page - Texas Instruments TPS54821 Datasheet HTML 32Page - Texas Instruments TPS54821 Datasheet HTML 33Page - Texas Instruments TPS54821 Datasheet HTML 34Page - Texas Instruments TPS54821 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
RT/CLK
GND
PVIN
VIN
VSENSE
COMP
SS/TR
EN
PH
BOOT
PWRGD
GND
PVIN
PH
PH
EXPOSED THERMAL
PAD AREA
COMPENSATION
NETWORK
BOOT
CAPACITOR
PVIN
INPUT
BYPASS
CAPACITOR
VOUT
TOPSIDE
GROUND
AREA
VIA toGroundPlane
OUTPUT
INDUCTOR
OUTPUT
FILTER
CAPACITOR
FREQUENCY SET RESISTOR
SLOWSTART
CAPACITOR
ANALOGGROUND TRACE
VIN
INPUT
BYPASS
CAPACITOR
VIN
PVIN
UVLOSET
RESISTORS
FEEDBACK
RESISTORS
EtchUnderComponent
0.010in.Diameter
ThermalVIA toGroundPlane
31
TPS54821
www.ti.com
SLVSB14B – OCTOBER 2011 – REVISED FEBRUARY 2016
Product Folder Links: TPS54821
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
10.2 Layout Example
Figure 45. PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com