Electronic Components Datasheet Search
  English  ▼

X  

TPS54821 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS54821
Description  TPS54821 4.5 V to 17 V Input, 8 A Synchronous Step Down Converter With Hiccup
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS54821 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS54821 Datasheet HTML 2Page - Texas Instruments TPS54821 Datasheet HTML 3Page - Texas Instruments TPS54821 Datasheet HTML 4Page - Texas Instruments TPS54821 Datasheet HTML 5Page - Texas Instruments TPS54821 Datasheet HTML 6Page - Texas Instruments TPS54821 Datasheet HTML 7Page - Texas Instruments TPS54821 Datasheet HTML 8Page - Texas Instruments TPS54821 Datasheet HTML 9Page - Texas Instruments TPS54821 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
6
TPS54821
SLVSB14B – OCTOBER 2011 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: TPS54821
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
TJ = –40°C to 125°C, VIN = 4.5V to 17V, PVIN = 1.6V to 17V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CURRENT LIMIT
High-side switch current limit threshold
10.5
14.5
17
A
Low-side switch sourcing current limit
9.5
11.5
15
A
Low-side switch sinking current limit
2
3
4
A
Hiccup wait time
512
Cycles
Hiccup time before re-start
16384
Cycles
THERMAL SHUTDOWN
Thermal shutdown
160
175
°C
Thermal shutdown hysteresis
10
°C
Thermal shutdown hiccup time
16384
Cycles
TIMING RESISTOR AND EXTERNAL CLOCK (RT/CLK PIN)
Minimum switching frequency
Rrt = 240 k
Ω (1%)
160
200
240
kHz
Switching frequency
Rrt = 100 k
Ω (1%)
400
480
560
kHz
Maximum switching frequency
Rrt = 29 k
Ω (1%)
1440
1600
1760
kHz
Minimum pulse width
20
ns
RT/CLK high threshold
2
V
RT/CLK low threshold
0.78
V
RT/CLK falling edge to PH rising edge delay
Measure at 500 kHz with RT resistor in series
66
ns
Switching frequency range (RT mode set point and
PLL mode)
200
1600
kHz
PH (PH PIN)
Minimum on time
Measured at 90% to 90% of VIN, 25°C, IPH =
2A
94
145
ns
Minimum off time
BOOT-PH
≥ 3 V
0
ns
BOOT (BOOT PIN)
BOOT-PH UVLO
2.1
3
V
SLOW START AND TRACKING (SS/TR PIN)
SS charge current
2.3
μA
SS/TR to VSENSE matching
V(SS/TR) = 0.4 V
20
60
mV
POWER GOOD (PWRGD PIN)
VSENSE threshold
VSENSE falling (Fault)
92
% Vref
VSENSE rising (Good)
94
% Vref
VSENSE rising (Fault)
106
% Vref
VSENSE falling (Good)
104
% Vref
Output high leakage
VSENSE = Vref, V(PWRGD) = 5.5 V
30
100
nA
Output low
I(PWRGD) = 2 mA
0.3
V
Minimum VIN for valid output
V(PWRGD) < 0.5V at 100 μA
0.6
1
V
Minimum SS/TR voltage for PWRGD
1.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com