Electronic Components Datasheet Search
  English  ▼

X  

TPS54821 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS54821
Description  TPS54821 4.5 V to 17 V Input, 8 A Synchronous Step Down Converter With Hiccup
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS54821 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS54821 Datasheet HTML 3Page - Texas Instruments TPS54821 Datasheet HTML 4Page - Texas Instruments TPS54821 Datasheet HTML 5Page - Texas Instruments TPS54821 Datasheet HTML 6Page - Texas Instruments TPS54821 Datasheet HTML 7Page - Texas Instruments TPS54821 Datasheet HTML 8Page - Texas Instruments TPS54821 Datasheet HTML 9Page - Texas Instruments TPS54821 Datasheet HTML 10Page - Texas Instruments TPS54821 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
1.2
1.205
1.21
1.215
1.22
VIN = 12 V
-50
-25
0
25
50
75
100
125
T - Junction Temperature - °C
J
3.3
3.35
3.4
3.45
3.5
-50
-25
0
25
50
75
100
125
T - Junction Temperature - °C
J
VIN = 12 V
0.594
0.596
0.598
0.6
0.602
0.604
0.606
-50
-25
0
25
50
75
100
125
T - Junction Temperature - °C
J
465
470
475
480
485
-50
-25
0
25
50
75
100
125
T - Junction Temperature - °C
J
15
18
21
24
27
30
-50
-25
0
25
50
75
100
125
Tj - Junction Temperature - Deg
VIN = 12 V
20
25
30
35
40
-50
-25
0
25
50
75
100
125
T - Junction Temperature - °C
J
VIN = 12 V
7
TPS54821
www.ti.com
SLVSB14B – OCTOBER 2011 – REVISED FEBRUARY 2016
Product Folder Links: TPS54821
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
6.6 Typical Characteristics
Figure 1. High-side MOSFET on Resistance
vs Junction Temperature
Figure 2. Low-side MOSFET on Resistance
vs Junction Temperature
Figure 3. Voltage Reference vs Junction Temperature
Figure 4. Oscillator Frequency vs Junction Temperature
Figure 5. EN Pin UVLO Threshold
vs Junction Temperature
Figure 6. EN Pin Hysteresis Current
vs Junction Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com