Electronic Components Datasheet Search
  English  ▼

X  

TPS54821 Datasheet(PDF) 25 Page - Texas Instruments

Part # TPS54821
Description  TPS54821 4.5 V to 17 V Input, 8 A Synchronous Step Down Converter With Hiccup
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS54821 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TPS54821 Datasheet HTML 21Page - Texas Instruments TPS54821 Datasheet HTML 22Page - Texas Instruments TPS54821 Datasheet HTML 23Page - Texas Instruments TPS54821 Datasheet HTML 24Page - Texas Instruments TPS54821 Datasheet HTML 25Page - Texas Instruments TPS54821 Datasheet HTML 26Page - Texas Instruments TPS54821 Datasheet HTML 27Page - Texas Instruments TPS54821 Datasheet HTML 28Page - Texas Instruments TPS54821 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
Frequency
100Hz
1.0KHz
10KHz
100KHz
1.0MHz
Phase - Degrees
-60
-40
-20
-0
20
40
60
-180d
-120d
-60d
0d
60d
120d
180d
Gain - dB
-137 deg
-8.281 dB
¦
p ´
´
Iout m ax
p m od =
2
Vout
Cout
(
)
(
)
(
)
Voutmin
Ontimemin Fsmax Vinmax
Ioutmin RDS2min
RDS1min
Ioutmin RL
RDS2min
=
×
+
-
-
+
25
TPS54821
www.ti.com
SLVSB14B – OCTOBER 2011 – REVISED FEBRUARY 2016
Product Folder Links: TPS54821
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Where:
Voutmin = minimum achievable output voltage
Ontimemin = minimum controllable on-time (135 nsec maximum)
Fsmax = maximum switching frequency including tolerance
Vinmax = maximum input voltage
Ioutmin = minimum load current
RDS1min = minimum high side MOSFET on resistance (36-32 m
Ω typical)
RDS2min = minimum low side MOSFET on resistance (19 m
Ω typical)
RL = series resistance of output inductor
(30)
8.2.2.10 Compensation Component Selection
There are several possible methods to design closed loop compensation for dc/dc converters. For the ideal
current mode control, the design equations can be easily simplified. The power stage gain is constant at low
frequencies, and rolls off at –20 dB/decade above the modulator pole frequency. The power stage phase is 0
degrees at low frequencies and starts to fall one decade above the modulator pole frequency reaching a
minimum of –90 degrees one decade above the modulator pole frequency. The modulator pole is a simple pole
shown in Equation 31
(31)
For the TPS54821 most circuits will have relatively high amounts of slope compensation. As more slope
compensation is applied, the power stage characteristics will deviate from the ideal approximations. The phase
loss of the power stage will now approach -180 degrees, making compensation more difficult. The power stage
transfer function can be solved but it is a tedious hand calculation that does not lend itself to simple
approximations. It is best to use Pspice or TINA-TI to accurately model the power stage gain and phase so that a
reliable compensation circuit can be designed. That is the technique used in this design procedure. Using the
pspice model for the TPS54821, apply the values calculated previously to the output filter components of L1, C7
and C8. Set RLOAD to the appropriate value for the current value to be compensate. For this design, L1 = 3.3 µH.
C7 and C8 use the derated capacitance value of 37.6 µF, and the ESR is set to 3 m
Ω. The RLOAD resistor is 3.3
V/4 A = 0.82
Ω. Now the power stage characteristic can be plotted as shown in Figure 30.
Figure 30. Power Stage Gain and Phase Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com