Electronic Components Datasheet Search
  English  ▼

X  

TPS54821 Datasheet(PDF) 29 Page - Texas Instruments

Part # TPS54821
Description  TPS54821 4.5 V to 17 V Input, 8 A Synchronous Step Down Converter With Hiccup
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS54821 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TPS54821 Datasheet HTML 25Page - Texas Instruments TPS54821 Datasheet HTML 26Page - Texas Instruments TPS54821 Datasheet HTML 27Page - Texas Instruments TPS54821 Datasheet HTML 28Page - Texas Instruments TPS54821 Datasheet HTML 29Page - Texas Instruments TPS54821 Datasheet HTML 30Page - Texas Instruments TPS54821 Datasheet HTML 31Page - Texas Instruments TPS54821 Datasheet HTML 32Page - Texas Instruments TPS54821 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
V
= 2 V/div
OUT
I
= 10 A/div
OUT
Time = 20 ms/div
PH = 10 V/div
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
Output Current (A)
VIN = 8 V
VIN = 12 V
VIN = 17 V
G002
29
TPS54821
www.ti.com
SLVSB14B – OCTOBER 2011 – REVISED FEBRUARY 2016
Product Folder Links: TPS54821
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Figure 43. Efficiency vs Output Current
Figure 44. TPS54821 Hiccup Mode Current Limit
9 Power Supply Recommendations
The TPS54821 is designed to operate from an input voltage supply range between 4.5 V and 17 V. This supply
voltage must be well regulated. Power supplies must be well bypassed for proper electrical performance. This
includes a minimum of one 4.7
μF (after de-rating) ceramic capacitor, type X5R or better from PVIN to GND, and
from VIN to GND. Additional local ceramic bypass capacitance may be required in systems with small input ripple
specifications, in addition to bulk capacitance if the TPS54821 device is located more than a few inches away
from its input power supply. In systems with an auxiliary power rail available, the power stage input, PVIN, and
the analog power input, VIN, may operate from separate input supplies. See Figure 45 (layout recommendation)
for recommended bypass capacitor placement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com