Electronic Components Datasheet Search
  English  ▼

X  

TPS54821 Datasheet(PDF) 17 Page - Texas Instruments

Part # TPS54821
Description  TPS54821 4.5 V to 17 V Input, 8 A Synchronous Step Down Converter With Hiccup
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS54821 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPS54821 Datasheet HTML 13Page - Texas Instruments TPS54821 Datasheet HTML 14Page - Texas Instruments TPS54821 Datasheet HTML 15Page - Texas Instruments TPS54821 Datasheet HTML 16Page - Texas Instruments TPS54821 Datasheet HTML 17Page - Texas Instruments TPS54821 Datasheet HTML 18Page - Texas Instruments TPS54821 Datasheet HTML 19Page - Texas Instruments TPS54821 Datasheet HTML 20Page - Texas Instruments TPS54821 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
SS/TR
TPS54821
EN
PWRGD
SS/TR
TPS54821
EN
PWRGD
VOUT1
VOUT 2
R1
R2
R3
R4
>
´
-
´ D
R1
2800
Vout1 180
V
V = Vout1
Vout 2
D
-
´
D
-
Vref
R1
R2 =
Vout2 +
V
Vref
17
TPS54821
www.ti.com
SLVSB14B – OCTOBER 2011 – REVISED FEBRUARY 2016
Product Folder Links: TPS54821
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Device Functional Modes (continued)
(7)
(8)
(9)
Figure 24. Ratio-metric and Simultaneous Startup Sequence
7.4.9 Output Overvoltage Protection (OVP)
The device incorporates an output overvoltage protection (OVP) circuit to minimize output voltage overshoot. For
example, when the power supply output is overloaded the error amplifier compares the actual output voltage to
the internal reference voltage. If the VSENSE pin voltage is lower than the internal reference voltage for a
considerable time, the output of the error amplifier demands maximum output current. Once the condition is
removed, the regulator output rises and the error amplifier output transitions to the steady state voltage. In some
applications with small output capacitance, the power supply output voltage can respond faster than the error
amplifier. This leads to the possibility of an output overshoot. The OVP feature minimizes the overshoot by
comparing the VSENSE pin voltage to the OVP threshold. If the VSENSE pin voltage is greater than the OVP
threshold the high-side MOSFET is turned off preventing current from flowing to the output and minimizing output
overshoot. When the VSENSE voltage drops lower than the OVP threshold, the high-side MOSFET is allowed to
turn on at the next clock cycle.
7.4.10 Overcurrent Protection
The device is protected from overcurrent conditions by cycle-by-cycle current limiting on both the high-side
MOSFET and the low-side MOSFET.
High-side MOSFET overcurrent protection
The device implements current mode control which uses the COMP pin voltage to control the turn off of the high-
side MOSFET and the turn on of the low-side MOSFET on a cycle by cycle basis. Each cycle the switch current
and the current reference generated by the COMP pin voltage are compared, when the peak switch current
intersects the current reference the high-side switch is turned off.
Low-side MOSFET overcurrent protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com