Electronic Components Datasheet Search
  English  ▼

X  

TPS54821 Datasheet(PDF) 24 Page - Texas Instruments

Part # TPS54821
Description  TPS54821 4.5 V to 17 V Input, 8 A Synchronous Step Down Converter With Hiccup
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS54821 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TPS54821 Datasheet HTML 20Page - Texas Instruments TPS54821 Datasheet HTML 21Page - Texas Instruments TPS54821 Datasheet HTML 22Page - Texas Instruments TPS54821 Datasheet HTML 23Page - Texas Instruments TPS54821 Datasheet HTML 24Page - Texas Instruments TPS54821 Datasheet HTML 25Page - Texas Instruments TPS54821 Datasheet HTML 26Page - Texas Instruments TPS54821 Datasheet HTML 27Page - Texas Instruments TPS54821 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
×
-
REF
OUT
REF
R7 V
R8 =
V
V
(
)
(
)
( )
m
×
=
Tss ms Iss
A
C6(nF)
Vref V
0.25
f
×
D
=
×
Ioutmax
Vin
Cin
sw
24
TPS54821
SLVSB14B – OCTOBER 2011 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: TPS54821
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
The value of a ceramic capacitor varies significantly over temperature and the amount of DC bias applied to the
capacitor. The capacitance variations due to temperature can be minimized by selecting a dielectric material that
is stable over temperature. X5R and X7R ceramic dielectrics are usually selected for power regulator capacitors
because they have a high capacitance to volume ratio and are fairly stable over temperature. The output
capacitor must also be selected with the DC bias taken into account. The capacitance value of a capacitor
decreases as the DC bias across a capacitor increases. For this example design, a ceramic capacitor with at
least a 25 V voltage rating is required to support the maximum input voltage. For this example, one 10
μF and
one 4.7 µF 25 V capacitors in parallel have been selected as the VIN and PVIN inputs are tied together so the
TPS54821 may operate from a single supply. The input capacitance value determines the input ripple voltage of
the regulator. The input voltage ripple can be calculated using Equation 27. Using the design example values,
Ioutmax = 8 A, Cin = 14.7
μF, Fsw=480 kHz, yields an input voltage ripple of 417 mV and a RMS input ripple
current of 3.94 A.
(27)
8.2.2.6 Slow Start Capacitor Selection
The slow start capacitor determines the minimum amount of time it takes for the output voltage to reach its
nominal programmed value during power up. This is useful if a load requires a controlled voltage slew rate. This
is also used if the output capacitance is very large and would require large amounts of current to quickly charge
the capacitor to the output voltage level. The large currents necessary to charge the capacitor may make the
TPS54821 reach the current limit or excessive current draw from the input power supply may cause the input
voltage rail to sag. Limiting the output voltage slew rate solves both of these problems. The soft start capacitor
value can be calculated using Equation 28. For the example circuit, the soft start time is not too critical since the
output capacitor value is 2 x 47
μF which does not require much current to charge to 3.3 V. The example circuit
has the soft start time set to an arbitrary value of 6 ms which requires a 22nF capacitor. In TPS54821, Iss is
2.3µA and Vref is 0.6V.
(28)
8.2.2.7 Bootstrap Capacitor Selection
A 0.1 µF ceramic capacitor must be connected between the BOOT to PH pin for proper operation. It is
recommended to use a ceramic capacitor with X5R or better grade dielectric. The capacitor should have 10V or
higher voltage rating.
8.2.2.8 Under Voltage Lockout Set Point
The Under Voltage Lock Out (UVLO) can be adjusted using the external voltage divider network of R3 and R4.
R3 is connected between VIN and the EN pin of the TPS54821 and R4 is connected between EN and GND .
The UVLO has two thresholds, one for power up when the input voltage is rising and one for power down or
brown outs when the input voltage is falling. For the example design, the supply should turn on and start
switching once the input voltage increases above 6.528V (UVLO start or enable). After the regulator starts
switching, it should continue to do so until the input voltage falls below 6.190 V (UVLO stop or disable).
Equation 2 and Equation 3 can be used to calculate the values for the upper and lower resistor values. For the
stop voltages specified the nearest standard resistor value for R3 is 35.7 k
Ω and for R4 is 8.06 kΩ.
8.2.2.9 Output Voltage Feedback Resistor Selection
The resistor divider network R7 and R8 is used to set the output voltage. For the example design, 10 k
Ω was
selected for R7. Using Equation 29, R8 is calculated as 2.22 k
Ω. The nearest standard 1% resistor is 2.21 kΩ.
(29)
8.2.2.9.1
Minimum Output Voltage
Due to the internal design of the TPS54821, there is a minimum output voltage limit for any given input voltage.
The output voltage can never be lower than the internal voltage reference of 0.6 V. Above 0.6 V, the output
voltage may be limited by the minimum controllable on time. The minimum output voltage in this case is given by
Equation 30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com