Electronic Components Datasheet Search
  English  ▼

X  

TPS54821 Datasheet(PDF) 19 Page - Texas Instruments

Part # TPS54821
Description  TPS54821 4.5 V to 17 V Input, 8 A Synchronous Step Down Converter With Hiccup
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS54821 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TPS54821 Datasheet HTML 15Page - Texas Instruments TPS54821 Datasheet HTML 16Page - Texas Instruments TPS54821 Datasheet HTML 17Page - Texas Instruments TPS54821 Datasheet HTML 18Page - Texas Instruments TPS54821 Datasheet HTML 19Page - Texas Instruments TPS54821 Datasheet HTML 20Page - Texas Instruments TPS54821 Datasheet HTML 21Page - Texas Instruments TPS54821 Datasheet HTML 22Page - Texas Instruments TPS54821 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
O
ESR
1
z =
C
R
2
¦
´
´
p
O
L
1
p =
C
R
2
¦
´
´
p
ps
L
Adc = gm
R
´
s
1+
2
z
VOUT
= Adc
VC
s
1+
2
p
æ
ö
ç
÷
´ ¦
è
ø
´
æ
ö
ç
÷
´ ¦
è
ø
p
p
VOUT
RESR
CO
RL
VC
gm ps
fp
fz
Adc
VOUT
RESR
CO
R L
VC
gm ps
19
TPS54821
www.ti.com
SLVSB14B – OCTOBER 2011 – REVISED FEBRUARY 2016
Product Folder Links: TPS54821
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Device Functional Modes (continued)
and the load resistance, R L, as shown in Equation 11 with resistive loads. As the load current increases, the DC
gain decreases. This variation with load may seem problematic at first glance, but fortunately the dominant pole
moves with load current (see Equation 12). The combined effect is highlighted by the dashed line in Figure 27.
As the load current decreases, the gain increases and the pole frequency lowers, keeping the 0-dB crossover
frequency the same for the varying load conditions which makes it easier to design the frequency compensation.
Figure 26. Simplified Small Signal Model for Peak Current Mode Control
Figure 27. Simplified Frequency Response for Peak Current Mode Control
(10)
(11)
(12)
(13)
Where
gmea is the GM amplifier gain ( 1300μA/V)
gmps is the power stage gain (21A/V).
RL is the load resistance
CO is the output capacitance.
RESR is the equivalent series resistance of the output capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com