Electronic Components Datasheet Search
  English  ▼

X  

TPS54821 Datasheet(PDF) 39 Page - Texas Instruments

Part # TPS54821
Description  TPS54821 4.5 V to 17 V Input, 8 A Synchronous Step Down Converter With Hiccup
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS54821 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TPS54821 Datasheet HTML 34Page - Texas Instruments TPS54821 Datasheet HTML 35Page - Texas Instruments TPS54821 Datasheet HTML 36Page - Texas Instruments TPS54821 Datasheet HTML 37Page - Texas Instruments TPS54821 Datasheet HTML 38Page - Texas Instruments TPS54821 Datasheet HTML 39Page - Texas Instruments TPS54821 Datasheet HTML 40Page - Texas Instruments TPS54821 Datasheet HTML 41Page - Texas Instruments TPS54821 Datasheet HTML 42Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
www.ti.com
PACKAGE OUTLINE
3.65
3.35
3.65
3.35
1.0
0.8
0.05
0.00
2X 2
8X 0.5
2X 1.5
2.05 0.1
14X
0.5
0.3
2X 0.55
14X
0.30
0.18
4X 0.2
(0.2) TYP
2X (0.325)
4228405/A 01/2022
VQFN - 1 mm max height
RHL0014A
PLASTIC QUAD FLATPACK - NO LEAD
0.08 C
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
PIN 1 INDEX AREA
SEATING PLANE
SYMM
SYMM
PIN 1 ID
(45 X 0.3)
0.1
C A B
0.05
C
1
6
7
8
9
13
14
2
15
A
B
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com