Electronic Components Datasheet Search
  English  ▼

X  

TPS54821 Datasheet(PDF) 21 Page - Texas Instruments

Part # TPS54821
Description  TPS54821 4.5 V to 17 V Input, 8 A Synchronous Step Down Converter With Hiccup
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS54821 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS54821 Datasheet HTML 17Page - Texas Instruments TPS54821 Datasheet HTML 18Page - Texas Instruments TPS54821 Datasheet HTML 19Page - Texas Instruments TPS54821 Datasheet HTML 20Page - Texas Instruments TPS54821 Datasheet HTML 21Page - Texas Instruments TPS54821 Datasheet HTML 22Page - Texas Instruments TPS54821 Datasheet HTML 23Page - Texas Instruments TPS54821 Datasheet HTML 24Page - Texas Instruments TPS54821 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
VIN = 8 - 17 V
VOUT = 3.3 V, 8 A
R7
10.0k
C7
47uF
C3
0.1uF
R6
0
R8
2.21k
R5
4.64k
C4
3900pF
C5
39pF
C1
10uF
R1
35.7k
R2
8.06k
R3
100k
1
RT/CLK
2
GND
3
GND
4
PVIN
5
PVIN
6
VIN
7
V_SNS
8
COMP
9
SS/TR
10
EN
11
PH
12
PH
13
BOOT
14
PWRGD
15
PWPD
U1
TPS54821RHL
C2
4.7uF
C6
0.022uf
C9
470pF
L1 3.3 uH
C8
47uF
R4
100k
EN
V_SNS
V_SNS
EN
PULL UP VOLTAGE
PWRGD
VIN
VOUT
21
TPS54821
www.ti.com
SLVSB14B – OCTOBER 2011 – REVISED FEBRUARY 2016
Product Folder Links: TPS54821
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The TPS54821 is a highly-integrated, synchronous step-down dc-dc converter. The device is used to convert a
higher dc input voltage to a lower dc output voltage with a minimum output current of 8 A.
8.2 Typical Application
Figure 29. Typical Application Circuit
8.2.1 Design Parameters
This example details the design of a high frequency switching regulator design using ceramic output capacitors.
A few parameters must be known in order to start the design process. These parameters are typically determined
at the system level. For this example, use the parameters shown in Table 1.
Table 1. Design Parameters
PARAMETER
VALUE
Output Voltage
3.3 V
Output Current
8 A
Transient Response 4 A load step
ΔVout = 7 %
Input Voltage
12 V nominal, 8 V to 17 V
Output Voltage Ripple
33 mV p-p
Start Input Voltage (Rising Vin)
6.528 V
Stop Input Voltage (Falling Vin)
6.193 V
Switching Frequency
480 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com