Electronic Components Datasheet Search
  English  ▼

X  

TPS54821 Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS54821
Description  TPS54821 4.5 V to 17 V Input, 8 A Synchronous Step Down Converter With Hiccup
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS54821 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS54821 Datasheet HTML 9Page - Texas Instruments TPS54821 Datasheet HTML 10Page - Texas Instruments TPS54821 Datasheet HTML 11Page - Texas Instruments TPS54821 Datasheet HTML 12Page - Texas Instruments TPS54821 Datasheet HTML 13Page - Texas Instruments TPS54821 Datasheet HTML 14Page - Texas Instruments TPS54821 Datasheet HTML 15Page - Texas Instruments TPS54821 Datasheet HTML 16Page - Texas Instruments TPS54821 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
(
)
´
-
+
+
ENFALLING
STOP
ENFALLING
p
h
R1 V
R2 =
V
V
R1 I
I
1
æ
ö
-
ç
÷
è
ø
æ
ö
-
+
ç
÷
è
ø
ENFALLING
START
STOP
ENRISING
ENFALLING
p
h
ENRISING
V
V
V
V
R1 =
V
I
I
V
EN
ip
ih
VIN
TPS54821
R 1
R 2
EN
ip
ih
PVIN
TPS54821
R 1
R 2
EN
ip
ih
VIN
TPS54821
R 1
R 2
13
TPS54821
www.ti.com
SLVSB14B – OCTOBER 2011 – REVISED FEBRUARY 2016
Product Folder Links: TPS54821
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Device Functional Modes (continued)
The EN pin has a small pull-up current Ip which sets the default state of the pin to enable when no external
components are connected. The pull-up current is also used to control the voltage hysteresis for the UVLO
function since it increases by Ih once the EN pin crosses the enable threshold. The UVLO thresholds can be
calculated using Equation 2 and Equation 3.
Figure 17. Adjustable VIN Undervoltage Lock Out
Figure 18. Adjustable PVIN Undervoltage Lock Out, VIN
≥ 4.5V
Figure 19. Adjustable VIN and PVIN Undervoltage Lock Out
(2)
(3)
Where Ih = 3.3 μA, Ip = 1.15 μA, VENRISING = 1.21 V, VENFALLING = 1.17 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com