Electronic Components Datasheet Search
  English  ▼

X  

TPS54821 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS54821
Description  TPS54821 4.5 V to 17 V Input, 8 A Synchronous Step Down Converter With Hiccup
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS54821 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS54821 Datasheet HTML 4Page - Texas Instruments TPS54821 Datasheet HTML 5Page - Texas Instruments TPS54821 Datasheet HTML 6Page - Texas Instruments TPS54821 Datasheet HTML 7Page - Texas Instruments TPS54821 Datasheet HTML 8Page - Texas Instruments TPS54821 Datasheet HTML 9Page - Texas Instruments TPS54821 Datasheet HTML 10Page - Texas Instruments TPS54821 Datasheet HTML 11Page - Texas Instruments TPS54821 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
80
90
100
110
120
-50
-25
0
25
50
75
100
125
T - Junction Temperature - °C
J
VSENSE Rising
VSENSE Falling
VSENSE Rising
VSENSE Falling
VIN = 12 V
0.01
0.02
0.03
0.04
-50
-25
0
25
50
75
100
125
T - Junction Temperature - °C
J
400
500
600
700
800
3
6
9
12
15
18
V - Input Voltage - V
I
T = 125°C
J
T = 25°C
J
T = -40°C
J
2.1
2.2
2.3
2.4
2.5
-50
-25
0
25
50
75
100
125
T - Junction Temperature - °C
J
1.1
1.125
1.15
1.175
1.2
-50
-25
0
25
50
75
100
125
T - Junction Temperature - °C
J
3
6
9
12
15
18
V - Input Voltage - V
I
T = 125°C
J
T = 25°C
J
T = -40°C
J
0
1
2
3
4
EN = 0 V
8
TPS54821
SLVSB14B – OCTOBER 2011 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: TPS54821
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Figure 7. EN Pin Pullup Current Threshold
vs Junction Temperature
Figure 8. Shutdown Quiescent Current
vs Input Voltage
Figure 9. VIN Non-Switching Operating Quiescent Current
vs Input Voltage
Figure 10. Slow Start Charge Current
vs Junction Temperature
Figure 11. SS/TR Vsense Offset vs Junction Temperature
Figure 12. PWRGD Threshold vs Junction Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com