Electronic Components Datasheet Search
  English  ▼

X  

TPS54821 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS54821
Description  TPS54821 4.5 V to 17 V Input, 8 A Synchronous Step Down Converter With Hiccup
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS54821 Datasheet(HTML) 3 Page - Texas Instruments

  TPS54821 Datasheet HTML 1Page - Texas Instruments TPS54821 Datasheet HTML 2Page - Texas Instruments TPS54821 Datasheet HTML 3Page - Texas Instruments TPS54821 Datasheet HTML 4Page - Texas Instruments TPS54821 Datasheet HTML 5Page - Texas Instruments TPS54821 Datasheet HTML 6Page - Texas Instruments TPS54821 Datasheet HTML 7Page - Texas Instruments TPS54821 Datasheet HTML 8Page - Texas Instruments TPS54821 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
13 BOOT
12 PH
11 PH
10 EN
9 SS/TR
GND 2
GND 3
PVIN 4
PVIN 5
VIN 6
7
8
1
14
RT/CLK
PWRGD
VSENSE
COMP
(15)
Exposed
Thermal Pad
3
TPS54821
www.ti.com
SLVSB14B – OCTOBER 2011 – REVISED FEBRUARY 2016
Product Folder Links: TPS54821
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
RHL Package
14 Pins
(Top View)
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
RT/CLK
1
I
Automatically selects between RT mode and CLK mode. An external timing resistor adjusts the
switching frequency of the device; In CLK mode, the device synchronizes to an external clock.
GND
2, 3
-
Return for control circuitry and low-side power MOSFET.
PVIN
4, 5
I
Power input. Supplies the power switches of the power converter.
VIN
6
I
Supplies the control circuitry of the power converter.
VSENSE
7
I
Inverting input of the gm error amplifier.
COMP
8
I
Error amplifier output, and input to the output switch current comparator. Connect frequency
compensation to this pin.
SS/TR
9
I
Slow-start and tracking. An external capacitor connected to this pin sets the internal voltage reference
rise time. The voltage on this pin overrides the internal reference. It can be used for tracking and
sequencing.
EN
10
I
Enable pin. Float to enable. Adjust the input undervoltage lockout with two resistors.
PH
11, 12
O
The switch node.
BOOT
13
O
A bootstrap cap is required between BOOT and PH. The voltage on this cap carries the gate drive
voltage for the high-side MOSFET.
PWRGD
14
O
Power Good fault pin. Asserts low if output voltage is low due to thermal shutdown, dropout, over-
voltage, EN shutdown or during slow start.
Exposed Thermal
PAD
15
-
Thermal pad of the package and signal ground and it must be soldered down for proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com