Electronic Components Datasheet Search
  English  ▼

X  

TPS54821 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS54821
Description  TPS54821 4.5 V to 17 V Input, 8 A Synchronous Step Down Converter With Hiccup
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS54821 Datasheet(HTML) 1 Page - Texas Instruments

  TPS54821 Datasheet HTML 1Page - Texas Instruments TPS54821 Datasheet HTML 2Page - Texas Instruments TPS54821 Datasheet HTML 3Page - Texas Instruments TPS54821 Datasheet HTML 4Page - Texas Instruments TPS54821 Datasheet HTML 5Page - Texas Instruments TPS54821 Datasheet HTML 6Page - Texas Instruments TPS54821 Datasheet HTML 7Page - Texas Instruments TPS54821 Datasheet HTML 8Page - Texas Instruments TPS54821 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
PH
PVIN
GND
BOOT
VSENSE
COMP
TPS54821
EN
RT/CLK
SS/TR
Exposed
Thermal
Pad
Css
Rrt
R3
C1
Cboot
Co
Lo
R1
R2
Cin
C2
VIN
VIN
VOUT
PWRGD
0
10
20
30
40
50
60
70
80
90
100
0
1
2
3
4
5
6
7
8
Output Current (A)
VIN = 8 V
VIN = 12 V
VIN = 17 V
G001
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPS54821
SLVSB14B – OCTOBER 2011 – REVISED FEBRUARY 2016
TPS54821 4.5 V to 17 V Input, 8 A Synchronous Step Down Converter With Hiccup
1
1 Features
1
•
Integrated 26 m
Ω / 19 mΩ MOSFETs
•
Split Power Rail: 1.6 V to 17 V on PVIN
•
200 kHz to 1.6 MHz Switching Frequency
•
Synchronizes to External Clock
•
0.6V ±1% Voltage Reference Over Temperature
•
Low 2 µA Shutdown Quiescent Current
•
Monotonic Start-Up into Pre-biased Outputs
•
Adjustable Slow Start/Power Sequencing
•
Power Good Output Monitor for Undervoltage and
Overvoltage
•
Adjustable Input Undervoltage Lockout
•
Software Tools Available
2 Applications
•
Digital TV Power Supplies
•
Set Top Boxes
•
Blu-ray DVDs
•
Home Terminals
•
High Performance Point of Load Regulation
3 Description
The TPS54821 in thermally enhanced 3.5 mm x 3.5
mm QFN package is a full featured 17 V, 8 A
synchronous step down converter which is optimized
for
small
designs
through
high
efficiency
and
integrating the high-side and low-side MOSFETs.
Further space savings are achieved through current
mode control, which reduces component count, and
by selecting a high switching frequency, reducing the
inductor's footprint.
The output voltage startup ramp is controlled by the
SS/TR pin which allows operation as either a stand
alone power supply or in tracking situations. Power
sequencing is also possible by correctly configuring
the enable and the open drain power good pins.
Cycle by cycle current limiting on the high-side FET
protects the device in overload situations and is
enhanced by a low-side sourcing current limit which
prevents current runaway. There is also a low-side
sinking current limit which turns off the low-side
MOSFET to prevent excessive reverse current.
Hiccup protection will be triggered if the overcurrent
condition has persisted for longer than the preset
time. Thermal hiccup protection disables the device
when the die temperature exceeds the thermal
shutdown temperature and enables the part again
after the built-in thermal shutdown hiccup time.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS54821
VQFN (14)
3.50 mm x 3.50 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Simplified Schematic
Efficiency, VOUT = 3.3 V, FSW = 480 kHz


Similar Part No. - TPS54821

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54821 TI1-TPS54821 Datasheet
1Mb / 37P
4.5 V to 17 V Input, 8 A Synchronous Step Down SWIFT??Converter With Hiccup
TPS54821RHLR TI1-TPS54821RHLR Datasheet
1Mb / 37P
4.5 V to 17 V Input, 8 A Synchronous Step Down SWIFT??Converter With Hiccup
TPS54821RHLR TI1-TPS54821RHLR Datasheet
1Mb / 42P
4.5 V to 17 V Input, 8 A Synchronous Step Down Converter
TPS54821RHLT TI1-TPS54821RHLT Datasheet
1Mb / 37P
4.5 V to 17 V Input, 8 A Synchronous Step Down SWIFT??Converter With Hiccup
TPS54821RHLT TI1-TPS54821RHLT Datasheet
1Mb / 42P
4.5 V to 17 V Input, 8 A Synchronous Step Down Converter
More results

Similar Description - TPS54821

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54821 TI1-TPS54821 Datasheet
1Mb / 37P
4.5 V to 17 V Input, 8 A Synchronous Step Down SWIFT??Converter With Hiccup
TPS54622 TI-TPS54622_15 Datasheet
1Mb / 41P
TPS54622 4.5-V to 17-V Input, 6-A Synchronous Step-Down SWIFT??Converter With Hiccup Protection
TPS54821 TI-TPS54821_15 Datasheet
1Mb / 42P
TPS54821 4.5 V to 17 V Input, 8 A Synchronous Step Down SWIFT??Converter With Hiccup
TPS56C215 TI1-TPS56C215 Datasheet
1Mb / 35P
4.5-V to 17-V Input , 12-A Synchronous Step-Down SWIFT Converter
TPS54821 TI1-TPS54821_16 Datasheet
1Mb / 42P
4.5 V to 17 V Input, 8 A Synchronous Step Down Converter
TPS54620 TI1-TPS54620_16 Datasheet
2Mb / 46P
4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT Converter
TPS568215 TI1-TPS568215 Datasheet
461Kb / 10P
4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT??Converter
TPS568215OA TI1-TPS568215OA Datasheet
1Mb / 36P
4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT Converter
TPS54622 TI1-TPS54622_17 Datasheet
1Mb / 42P
4.5-V to 17-V Input, 6-A Synchronous Step-Down SWIFT Converter With Hiccup Protection
TPS54A24 TI1-TPS54A24 Datasheet
1Mb / 43P
4.5-V to 17-V Input, 10-A Synchronous SWIFT Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com