Electronic Components Datasheet Search
  English  ▼

X  

TPS54821 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS54821
Description  TPS54821 4.5 V to 17 V Input, 8 A Synchronous Step Down Converter With Hiccup
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS54821 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS54821 Datasheet HTML 6Page - Texas Instruments TPS54821 Datasheet HTML 7Page - Texas Instruments TPS54821 Datasheet HTML 8Page - Texas Instruments TPS54821 Datasheet HTML 9Page - Texas Instruments TPS54821 Datasheet HTML 10Page - Texas Instruments TPS54821 Datasheet HTML 11Page - Texas Instruments TPS54821 Datasheet HTML 12Page - Texas Instruments TPS54821 Datasheet HTML 13Page - Texas Instruments TPS54821 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
10
TPS54821
SLVSB14B – OCTOBER 2011 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: TPS54821
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The device is a 17-V, 8-A, synchronous step-down (buck) converter with two integrated n-channel MOSFETs. To
improve performance during line and load transients the device implements a constant frequency, peak current
mode control which also simplifies external frequency compensation. The wide switching frequency of 200 kHz to
1600 kHz allows for efficiency and size optimization when selecting the output filter components. The switching
frequency is adjusted using a resistor to ground on the RT/CLK pin. The device also has an internal phase lock
loop (PLL) controlled by the RT/CLK pin that can be used to synchronize the switching cycle to the falling edge
of an external system clock.
The device has been designed for safe monotonic startup into pre-biased loads. The default start up is when VIN
is typically 4.0V. The EN pin has an internal pull-up current source that can be used to adjust the input voltage
under voltage lockout (UVLO) with two external resistors. In addition, the EN pin can be floating for the device to
operate with the internal pull-up current. The total operating current for the device is approximately 600
μA when
not switching and under no load. When the device is disabled, the supply current is typically less than 2
μA.
The integrated MOSFETs allow for high efficiency power supply designs with continuous output currents up to 8
amperes. The MOSFETs have been sized to optimize efficiency for lower duty cycle applications.
The device reduces the external component count by integrating the boot recharge circuit. The bias voltage for
the integrated high-side MOSFET is supplied by a capacitor between the BOOT and PH pins. The boot capacitor
voltage is monitored by a BOOT to PH UVLO (BOOT-PH UVLO) circuit allowing PH pin to be pulled low to
recharge the boot capacitor. The device can operate at 100% duty cycle as long as the boot capacitor voltage is
higher than the preset BOOT-PH UVLO threshold which is typically 2.1V. The output voltage can be stepped
down to as low as the 0.6V voltage reference (Vref).
The device has a power good comparator (PWRGD) with hysteresis which monitors the output voltage through
the VSENSE pin. The PWRGD pin is an open drain MOSFET which is pulled low when the VSENSE pin voltage
is less than 92% or greater than 106% of the reference voltage Vref and asserts high when the VSENSE pin
voltage is 94% to 104% of the Vref.
The SS/TR (slow start/tracking) pin is used to minimize inrush currents or provide power supply sequencing
during power up. A small value capacitor or resistor divider should be coupled to the pin for slow start or critical
power supply sequencing requirements.
The device is protected from output overvoltage, overload and thermal fault conditions. The device minimizes
excessive output overvoltage transients by taking advantage of the overvoltage circuit power good comparator.
When the overvoltage comparator is activated, the high-side MOSFET is turned off and prevented from turning
on until the VSENSE pin voltage is lower than 104% of the Vref. The device implements both high-side MOSFET
overload protection and bidirectional low-side MOSFET overload protections which help control the inductor
current and avoid current runaway. The device also shuts down if the junction temperature is higher than thermal
shutdown trip point. The device is restarted under control of the slow start circuit automatically after the built-in
thermal shutdown hiccup time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com