Electronic Components Datasheet Search
  English  ▼

X  

CP321 Datasheet(PDF) 141 Page - List of Unclassifed Manufacturers

Part # CP321
Description  Power PC-based CPU Board for CompactPCI Applications
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CP321 Datasheet(HTML) 141 Page - List of Unclassifed Manufacturers

Back Button CP321 Datasheet HTML 136Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 137Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 138Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 139Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 140Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 141Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 142Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 143Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 144Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 141 / 144 page
background image
CP321
PMC-HDD1 Module
ID 24977, Rev. 02
© 2003 Kontron Modular Computers GmbH
Page E - 3
E.
PMC-HDD1 Module
E.1
Board description
The optional PMC-HDD1 module provides the Kontron PowerPC-based CPU boards with a
cost-effective way to add substantial mass storage capacity. It is designed to connect a 2.5”
IDE hard disk drive to the PCI bus of those boards. It is based on the silicon image IDE con-
troller SiI0680, which provides the interface between the 32 bit wide, 33 MHz PCI bus and a
standard IDE hard disk drive. It is able to handle transfer rates up to the ATA-133 speed stan-
dard.
Figure E-1: PMC-HDD1 Module with Hard Disk Drive Attached
Note...
•
The maximum transfer rate which can be achieved with this module
is restricted by the hard drive in use.
•
The capacity of the module is defined by the hard drive in use.
HARD DISK DRIVE UNIT
PMC-HDD1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com