Electronic Components Datasheet Search
  English  ▼

X  

CP321 Datasheet(PDF) 143 Page - List of Unclassifed Manufacturers

Part # CP321
Description  Power PC-based CPU Board for CompactPCI Applications
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CP321 Datasheet(HTML) 143 Page - List of Unclassifed Manufacturers

Back Button CP321 Datasheet HTML 136Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 137Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 138Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 139Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 140Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 141Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 142Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 143Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 144Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 143 / 144 page
background image
CP321
PMC-HDD1 Module
ID 24977, Rev. 02
© 2003 Kontron Modular Computers GmbH
Page E - 5
Table E-2: IDE Hard Disk Drive Connector Pinout
Pin Number
Signal
Function
In/Out
1
IDERESET
Reset HD
Out
2
GND
Ground signal
--
3
HD7
HD data 7
In/Out
4
HD8
HD data 8
In/Out
5
HD6
HD data 6
In/Out
6
HD9
HD data 9
In/Out
7
HD5
HD data 5
In/Out
8
HD10
HD data 10
In/Out
9
HD4
HD data 4
In/Out
10
HD11
HD data 11
In/Out
11
HD3
HD data 3
In/Out
12
HD12
HD data 12
In/Out
13
HD2
HD data 2
In/Out
14
HD13
HD data 13
In/Out
15
HD1
HD data 1
In/Out
16
HD14
HD data 14
In/Out
17
HD0
HD data 0
In/Out
18
HD15
HD data 15
In/Out
19
GND
Ground signal
--
20
N/C
--
--
21
IDEDRQ
DMA request
In
22
GND
Ground signal
--
23
IOW
I/O write
Out
24
GND
Ground signal
--
25
IOR
I/O read
Out
26
GND
Ground signal
--
27
IOCHRDY
I/O channel ready
In
28
GND
Ground signal
--
29
IDEDACKA
DMA Ack
Out
30
GND
Ground signal
--
31
IDEIRQ
Interrupt request
In
32
N/C
--
--
33
A1
Address 1
Out
34
N/C
--
--
35
A0
Address 0
Out
36
A2
Address 2
Out
37
HCS0
HD select 0
Out
38
HCS1
HD select 1
Out
39
NC
--
In
40
GND
Ground signal
--
41
VCC
5V power
--
42
VCC
5V power
--
43
GND
Ground signal
--
44
N/C
--
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com