Electronic Components Datasheet Search
  English  ▼

X  

CP321 Datasheet(PDF) 142 Page - List of Unclassifed Manufacturers

Part # CP321
Description  Power PC-based CPU Board for CompactPCI Applications
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CP321 Datasheet(HTML) 142 Page - List of Unclassifed Manufacturers

Back Button CP321 Datasheet HTML 136Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 137Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 138Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 139Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 140Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 141Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 142Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 143Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 144Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 142 / 144 page
background image
PMC-HDD1 Module
CP321
Page E - 4
© 2003 Kontron Modular Computers GmbH
ID 24977, Rev. 02
Table E-1: Pinout of the PMC Connectors
.
PN1/JN1 (CON1)
PN2/JN2 (CON2)
Pin #
Signal Name
Signal Name
Pin #
Pin #
Signal Name
Signal Name
Pin #
1
Signal
-12V
2
1
+12V
Signal
2
3
Ground
Signal
4
3
Signal
Signal
4
5
Signal
Signal
6
5
Signal
Ground
6
7
BUSMODE1#
+5V
8
7
Ground
Signal
8
9
Signal
Signal
10
9
Signal
Signal
10
11
Ground
Signal
12
11
BUSMODE2#
+3.3V
12
13
Signal
Ground
14
13
Signal
BUSMODE3#
14
15
Ground
Signal
16
15
+3.3V
BUSMODE4#
16
17
Signal
+5V
18
17
Signal
Ground
18
19
V (I/O)
Signal
20
19
Signal
Signal
20
21
Signal
Signal
22
21
Ground
Signal
22
23
Signal
Ground
24
23
Signal
+3.3V
24
25
Ground
Signal
26
25
Signal
Signal
26
27
Signal
Signal
28
27
+3.3V
Signal
28
29
Signal
+5V
30
29
Signal
Ground
30
31
V (I/O)
Signal
32
31
Signal
Signal
32
33
Signal
Ground
34
33
Ground
Signal
34
35
Ground
Signal
36
35
Signal
+3.3V
36
37
Signal
+5V
38
37
Ground
Signal
38
39
Ground
Signal
40
39
Signal
Ground
40
41
Signal
Signal
42
41
+3.3V
Signal
42
43
Signal
Ground
44
43
Signal
Ground
44
45
V (I/O)
Signal
46
45
Signal
Signal
46
47
Signal
Signal
48
47
Ground
Signal
48
49
Signal
+5V
50
49
Signal
+3.3V
50
51
Ground
Signal
52
51
Signal
Signal
52
53
Signal
Signal
54
53
+3.3V
Signal
54
55
Signal
Ground
56
55
Signal
Ground
56
57
V (I/O)
Signal
58
57
Signal
Signal
58
59
Signal
Signal
60
59
Ground
Signal
60
61
Signal
+5V
62
61
Signal
+3.3V
62
63
Ground
Signal
64
63
Ground
Signal
64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com