Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342, S32K322, S32K328, S32K338, S32K348, S32K356, S32K358, S32K388 and S32K389. Data is preliminary for S32K312 and S32K344 100LQFP only.
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 13Page - NXP Semiconductors S32K310 Datasheet HTML 14Page - NXP Semiconductors S32K310 Datasheet HTML 15Page - NXP Semiconductors S32K310 Datasheet HTML 16Page - NXP Semiconductors S32K310 Datasheet HTML 17Page - NXP Semiconductors S32K310 Datasheet HTML 18Page - NXP Semiconductors S32K310 Datasheet HTML 19Page - NXP Semiconductors S32K310 Datasheet HTML 20Page - NXP Semiconductors S32K310 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 164 page
background image
4 Ordering information
Product status
Product status for ordering and marking
P: Prototype
S: Qualified ordering P/N
Extra feature
Security *
Product type/brand
32: Automotive 32 bit MCU/MPU
Tx: Global foundry
x0: 1st mask revision
x1: 2nd mask revision
Product line
K: General purpose MCU
S: Standard family SW package, including:
I: ISELED SW licensed + standard family SW
Memory size
P-Flash 512 kB 1 MB 2 MB 4 MB
0
1
2
4
6 MB 8 MB 12 MB
6
8
*9th character = G is not offered as standard part number nomenclature.
Contact NXP sales representative for more details.
9
Series/family
3: K3 product family/Arm CortexM7 based
Core platform
1: 1 x M7 core
2: 2 x M7 cores
3: 3 x M7 cores
4: 1 x M7 lockstep core
5: 1 x M7 lockstep core plus 1 x M7 core
6: 1 x M7 LS core + 1 x M7 core + DSP + 2 x eTPU
7: 1 x M7 LS core + 2 x M7 split-lock cores + DSP
8: 2 x M7 lockstep + 1 x M7 core or 1 x M7 lockstep +
9: 1 x M7 LS core + 2 x M7 split-lock cores + 1 x DSP +
P/S
32 K
3
8
8
H
H T0 M JB S
T
Product type/brand
Product line
Series/family
Core platform
Memory size
Features
Security
Fab and mask rev letter
Fab and mask rev letter
V: -40 °C to 105 °C
M: -40 °C to 125 °C
Ambient temperature (Ta)
Temperature suffix
Package suffix
Software
configuration
Tape and reel
Indicator
H
HSE B standard
security
V
OEM specific security
Package suffix
Software configuration
T: Trays/tubes
R: Tape and reel
Tape and reel
48
100
172
176
257
289
437
MM
JB
JG
PA
PB
PC
pins
HDQFP-EP
HDQFP
BGA
N
E
No ethernet
MAC, No SAI
100 Mbps ethernet
MAC + SAI
G
1 Gbps ethernet
MAC + SAI
H
2 x 1 Gbps
ethernet
MAC+ SAI
LF
KU
LQFP
· Real time driver including Autosar MCAL
and non Autosar driver package (ISO26262
compliant, crypto driver included)
Standard security firmware
Safety peripheral driver (SPD)
Inter-core communication framework (IPCF)
·
·
·
2 x eTPU
3 x M7 cores
package
2* (th
LL
N: Non-China manufacturing qualified part number
Figure 17. Ordering information
4.1 Determining valid orderable parts
To determine the orderable part numbers for this device, please contact NXP sales representative.
5 General
5.1 Absolute maximum ratings
Caution: When the MCU is in an unpowered state, current injected through the chip pins may bias internal chip structures
(for example, ESD diodes) and incorrectly power up these internal structures through inadvertent paths. The presence of
such residual voltage may influence different chip-internal blocks in an unpredictable manner and may ultimately result in
NXP Semiconductors
S32K3XX
S32K3xx Data Sheet
S32K3XX
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 12 November 2025
Document feedback
17 / 164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com