Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 75 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342, S32K322, S32K328, S32K338, S32K348, S32K356, S32K358, S32K388 and S32K389. Data is preliminary for S32K312 and S32K344 100LQFP only.
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 75 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 71Page - NXP Semiconductors S32K310 Datasheet HTML 72Page - NXP Semiconductors S32K310 Datasheet HTML 73Page - NXP Semiconductors S32K310 Datasheet HTML 74Page - NXP Semiconductors S32K310 Datasheet HTML 75Page - NXP Semiconductors S32K310 Datasheet HTML 76Page - NXP Semiconductors S32K310 Datasheet HTML 77Page - NXP Semiconductors S32K310 Datasheet HTML 78Page - NXP Semiconductors S32K310 Datasheet HTML 79Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 164 page
background image
Table 28. GPIO DC electrical specifications, 5.0V (4.5V - 5.5V)...continued
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
IOHT
Output high current
total for all ports [8]
—
—
100
mA
—
—
[1] Maximum length of RESET pulse will be filtered by an internal filter on this pin.
[2] Minimum length of RESET pulse, guaranteed not to be filtered by the internal filter.
[3] A positive value is leakage flowing into pin with pin at VDD_HV_A/B (the GPIO supply level); a negative value is leakage flowing out the pin with the pin at
ground.
[4] Hysteresis spec does not apply to fast pad
[5] GPIO output transition time information can be obtained from the device IBIS model. IBIS models are recommended for system level simulations, as discrete
values for I/O transition times are not representative of the I/O pad behavior when connected to an actual transmission line load.
[6] I/O output current specifications are valid for the given reference load figure, and the constraints given in the Operating Conditions of this document.
[7] I/O timing specifications are valid for the un-terminated 50ohm transmission line reference load given in the figure below. A lumped 8pF load is assumed in
addition to a 5 inch microstrip trace on standard FR4 with approximately 3.3pF/inch.. For best signal integrity, the series resistance in the transmission line
should be matched closely to the selected output resistance (ROUT_*) of the I/O pad.
[8] To determine total switching current on any I/O supply, current values per output pin should not be incrementally summed. I/O interfaces on the device are
asynchronous to each other, so not all switching occurs at the same instant. Actual use case must be considered.
RDSON
RPCB = RDSON
PCB
External
device
MCUsee note 1
RDSON
5 in.
(4 layer FR4)
CPCB = ~3.3 pF/inch * 5 inch
CL = 8 pF
1. See IBIS models for further details.
Notes:
Figure 35. Reference Load Diagram
7.3 5.0V (4.5V - 5.5V) GPIO Output AC Specification
Table 29. 5.0V (4.5V - 5.5V) GPIO Output AC Specification
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
TR_TF_50_S
5.0V Standard GPIO
rise/fall time [1][2][3]
5
—
21
ns
CL (max) = 25pF
—
TR_TF_50_S
5.0V Standard GPIO
rise/fall time [1][2][3][4]
8.5
—
31
ns
CL (max) = 50pF
—
TR_TF_50_SP
5.0V Standard Plus
GPIO rise/fall time [1]
[2][3]
3
—
13.2
ns
DSE=0 CL (max) =
25pF
—
TR_TF_50_SP
5.0V Standard
Plus GPIO rise/fall
time [1][2][3]
1
—
7.1
ns
DSE=1 CL (max) =
25pF
—
TR_TF_50_SP
5.0V Standard Plus
GPIO rise/fall time [1]
[2][3][4]
6.4
—
18.8
ns
DSE=0 CL (max) =
50pF
—
Table continues on the next page...
NXP Semiconductors
S32K3XX
S32K3xx Data Sheet
S32K3XX
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 12 November 2025
Document feedback
75 / 164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com