Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 83 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342, S32K322, S32K328, S32K338, S32K348, S32K356, S32K358, S32K388 and S32K389. Data is preliminary for S32K312 and S32K344 100LQFP only.
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 83 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 79Page - NXP Semiconductors S32K310 Datasheet HTML 80Page - NXP Semiconductors S32K310 Datasheet HTML 81Page - NXP Semiconductors S32K310 Datasheet HTML 82Page - NXP Semiconductors S32K310 Datasheet HTML 83Page - NXP Semiconductors S32K310 Datasheet HTML 84Page - NXP Semiconductors S32K310 Datasheet HTML 85Page - NXP Semiconductors S32K310 Datasheet HTML 86Page - NXP Semiconductors S32K310 Datasheet HTML 87Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 164 page
background image
Table 36. Flash Read Wait State Settings (S32K344, S32K324, S32K314, S32K342, S32K322, S32K341, S32K312,
S32K311, S2K310 and S32K389(PFC1))...continued
Flash Frequency (CORE_CLK)
RWSC setting
200 MHz < Freq ≤ 233 MHz
6
233 MHz < Freq ≤ 250 MHz
7
Table 37. Flash Read Wait State Settings (S32K358, S32K356, S32K348, S32K338, S32K328, S32K388 and
S32K389(PFC0))
Flash Frequency (CORE_CLK)
RWSC setting
250 KHz < Freq ≤ 60 MHz
1
60 MHz < Freq ≤ 90 MHz
2
90 MHz < Freq ≤ 120 MHz
3
120 MHz < Freq ≤ 150 MHz
4
150 MHz < Freq ≤ 180 MHz
5
180 MHz < Freq ≤ 210 MHz
6
210 MHz < Freq ≤ 240 MHz
7
240 MHz < Freq ≤ 250 MHz
8
10 Analog modules
10.1 SAR_ADC
All below specs are applicable only when one ADC instance is in operation and averaging is used or multiple ADC instances are
operational at the same time but sampling different channels. Best performance can be achieved if only one ADC is operational
at a time sampling one channel
Table 38. SAR_ADC
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
VDD_HV_A
ADC Supply
Voltage [1]
2.97
—
5.5
V
—
—
DVREFL
VSS / VREFL
Voltage Difference [2]
-100
—
100
mV
—
—
VAD_INPUT
ADC Input
Voltage [3]
VREFL
—
VREFH
V
—
—
fAD_CK
ADC Clock
Frequency
(S32K344,
S32K324, S32K314,
10
—
80
MHz
—
—
Table continues on the next page...
NXP Semiconductors
S32K3XX
S32K3xx Data Sheet
S32K3XX
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 12 November 2025
Document feedback
83 / 164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com