Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 90 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342, S32K322, S32K328, S32K338, S32K348, S32K356, S32K358, S32K388 and S32K389. Data is preliminary for S32K312 and S32K344 100LQFP only.
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 90 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 86Page - NXP Semiconductors S32K310 Datasheet HTML 87Page - NXP Semiconductors S32K310 Datasheet HTML 88Page - NXP Semiconductors S32K310 Datasheet HTML 89Page - NXP Semiconductors S32K310 Datasheet HTML 90Page - NXP Semiconductors S32K310 Datasheet HTML 91Page - NXP Semiconductors S32K310 Datasheet HTML 92Page - NXP Semiconductors S32K310 Datasheet HTML 93Page - NXP Semiconductors S32K310 Datasheet HTML 94Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 164 page
background image
10.4 Temperature Sensor
The temperature sensor measures the junction temperature Tj at the location where it is placed on die. The local Tj is modulated
by current and previous active state of the circuit elements on die.
The table below gives the specification for the MCU on-die temperature sensor.
Table 41. Temperature Sensor
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
TS_TJ
Junction
temperature
monitoring range
-40
—
150
°C
—
—
TS_IV25
ON state current
consumption on V25
—
400
—
µA
ETS_EN=1
—
TS_ACC1
Temperature output
error at circuit output
(Voltage) [1][2]
-5
0
+5
°C
100 °C < Tj <= 150 °C
—
TS_ACC2
Temperature output
error at circuit output
(Voltage) [1][2]
-10
0
+10
°C
-40 °C <= Tj <=100 °C —
TS_TSTART
Circuit start up time
—
4
30
µs
—
—
TS_TADCSA
Required ADC
sampling time [2]
1.2
—
—
µs
—
—
[1] The error caused by ADC conversion and provided temperature calculation formula is not included.
[2] Required ADC sampling time specified by parameter TS_TADCSA needs to be used at the ADC conversion to guarantee the specified accuracy. A
smaller sampling time leads to a less accurate result.
11 Clocking modules
11.1 FIRC
Table 42. FIRC
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
fFIRC
FIRC nominal
Frequency
—
48
—
MHz
—
—
FACC
FIRC Frequency
deviation across
process, voltage,
and temperature
after trimming
-5
—
5
%
—
—
TSTART
Startup Time [1]
—
10
25
us
—
—
[1] Startup time is for reference only.
NXP Semiconductors
S32K3XX
S32K3xx Data Sheet
S32K3XX
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 12 November 2025
Document feedback
90 / 164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com