Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 65 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342, S32K322, S32K328, S32K338, S32K348, S32K356, S32K358, S32K388 and S32K389. Data is preliminary for S32K312 and S32K344 100LQFP only.
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 65 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 61Page - NXP Semiconductors S32K310 Datasheet HTML 62Page - NXP Semiconductors S32K310 Datasheet HTML 63Page - NXP Semiconductors S32K310 Datasheet HTML 64Page - NXP Semiconductors S32K310 Datasheet HTML 65Page - NXP Semiconductors S32K310 Datasheet HTML 66Page - NXP Semiconductors S32K310 Datasheet HTML 67Page - NXP Semiconductors S32K310 Datasheet HTML 68Page - NXP Semiconductors S32K310 Datasheet HTML 69Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 164 page
background image
Table 24. RUN mode configuration options for S32K389
Core
M7_0
ON
ON
ON
ON
OFF
ON
OFF
Core
M7_1
ON
ON
ON
ON
OFF
OFF
OFF
Core
M7_2
ON
ON
ON
ON
ON
ON
ON
Core
M7_3
ON
ON
ON
ON
OFF
OFF
OFF
CM7_C
ORE_CL
K [MHz]
320 MHz 320 MHz
320 MHz
240 MHz
240 MHz
240 MHz
240 MHz
HSE_B
[MHz][1]
160 MHz 160 MHz
160 MHz
120 MHz
120 MHz
120 MHz
120 MHz
AES
Accel
[MHz]
160 MHz 160 MHz
160 MHz
120 MHz
120 MHz
120 MHz
OFF
FIRC
ON
ON
ON
ON
ON
ON
ON
FXOSC
ON
ON
ON
ON
ON
ON
ON
SIRC
ON
ON
ON
ON
ON
ON
ON
PLL
ON
ON
ON
ON
ON
ON
ON
Flash
ON
ON
ON
ON
ON
ON
ON
Memorie
s[2]
OFF
ON
ON
ON
ON
ON
ON
eDMA
ON
ON
ON
ON
ON
ON
ON
FlexCAN
[3]
All OFF
12x
4x
4x
2x
2x
2x
LPUART
[4]
All OFF
All OFF
16x
16x
8x
8x
8x
LPSPI[5] All OFF
6x
6x
6x
4x
4x
4x
Table continues on the next page...
NXP Semiconductors
S32K3XX
S32K3xx Data Sheet
S32K3XX
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 12 November 2025
Document feedback
65 / 164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com