Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342, S32K322, S32K328, S32K338, S32K348, S32K356, S32K358, S32K388 and S32K389. Data is preliminary for S32K312 and S32K344 100LQFP only.
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 18Page - NXP Semiconductors S32K310 Datasheet HTML 19Page - NXP Semiconductors S32K310 Datasheet HTML 20Page - NXP Semiconductors S32K310 Datasheet HTML 21Page - NXP Semiconductors S32K310 Datasheet HTML 22Page - NXP Semiconductors S32K310 Datasheet HTML 23Page - NXP Semiconductors S32K310 Datasheet HTML 24Page - NXP Semiconductors S32K310 Datasheet HTML 25Page - NXP Semiconductors S32K310 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 164 page
background image
5.3 Thermal operating characteristics
Table 4. Thermal operating characteristics
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
Tamb
Ambient temperature -40
—
105
°C
V- Grade
—
Tamb
Ambient temperature -40
—
125
°C
M- Grade
—
TJ
Junction
temperature
-40
—
150
°C
—
—
For S32K388 and S32K389, applications running at 125°C Tamb, thermal management schemes at PCB level will have to be
deployed to keep TJ below 150°C.
5.4 ESD and Latch-up Protection Characteristics
Table 5. ESD and Latch-up Protection Characteristics
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
Vhbm
Electrostatic
discharge voltage,
human body model
(HBM) [1][2][3]
-2000
—
2000
V
—
—
Vcdm
Electrostatic
discharge voltage,
charged-device
model (CDM), all
pins except corner [1]
[2][4]
-500
—
500
V
—
—
Vcdm
Electrostatic
discharge voltage,
charged-device
model (CDM), corner
pins [1][2][4]
-750
—
750
V
—
—
Ilat
Latch-up current at
ambient temperature
of 125°C [5]
-100
—
100
mA
—
—
[1] Device failure is defined as: "If after exposure to ESD pulses, the device does not meet specification requirements."
[2] All ESD testing conforms with AEC-Q100 Stress Test Qualification for Automotive Grade Integrated Circuits.
[3] This parameter is tested in conformity with AEC-Q100-002.
[4] This parameter is tested in conformity with AEC-Q100-011.
[5] This parameter is tested in conformity with AEC-Q100-004.
6 Power management
6.1 Power mode transition operating behaviors
6.1.1 Power mode transition operating behavior
The values in the table below are provided for reference only.
NXP Semiconductors
S32K3XX
S32K3xx Data Sheet
S32K3XX
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 12 November 2025
Document feedback
22 / 164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com