Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 93 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342, S32K322, S32K328, S32K338, S32K348, S32K356, S32K358, S32K388 and S32K389. Data is preliminary for S32K312 and S32K344 100LQFP only.
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 93 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 89Page - NXP Semiconductors S32K310 Datasheet HTML 90Page - NXP Semiconductors S32K310 Datasheet HTML 91Page - NXP Semiconductors S32K310 Datasheet HTML 92Page - NXP Semiconductors S32K310 Datasheet HTML 93Page - NXP Semiconductors S32K310 Datasheet HTML 94Page - NXP Semiconductors S32K310 Datasheet HTML 95Page - NXP Semiconductors S32K310 Datasheet HTML 96Page - NXP Semiconductors S32K310 Datasheet HTML 97Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 164 page
background image
Table 45. FXOSC...continued
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
TFXOSC
Fxosc start
up time (ALC
enabled) [2]
—
—
2
ms
—
—
IFXOSC
Oscillator Analog
circuit supply
current, V25 supply
(ALC enable)
—
—
1
mA
using 8, 16 or 40 MHz
crystal
—
IFXOSC
Oscillator Analog
circuit supply
current, V25 supply
(ALC disabled)
—
—
2.7
mA
using 8, 16 or 40 MHz
crystal
—
EXTAL_SWING_
PP
Peak-to-peak
voltage swing on
EXTAL pin in crystal
oscillator mode (ALC
enabled)
0.3
—
1.4
V
—
—
EXTAL_SWING_
PP
Peak-to-peak
voltage swing on
EXTAL pin in crystal
oscillator mode (ALC
disabled) [3]
1.2
—
2.75
V
—
—
CLKIN_VIL_
EXTAL_BYPASS
Input clock low level
in bypass mode [4]
0
—
vref-1
V
vref=0.5*VDD_HV_A
—
CLKIN_VIH_
EXTAL_BYPASS
Input clock high level
in bypass mode [4]
vref+1
—
VDD_HV
_A
V
vref=0.5*VDD_HV_A
—
VSB
Self Bias Voltage
350
—
850
mV
—
—
GM
Amplifier
Transconductance
9.7
14.04
18.5
mA/V
GM_SEL[3:0] =
4`b1111
—
[1] For bypass mode applications, the EXTAL pin should be driven low when FXOSC is in off/disabled state.
[2] The startup time specification is valid only when the recommended crystal and load capacitors are used. For higher load capacitances, the actual startup time
might be higher.
[3] The recommended gm setting to ensure extal swing < 2.75V at 8MHz in ALC-disabled mode is gm=4'b0010. Recommended gm settings in ALC-disabled
mode for all other supported frequencies and crystals remain the same.
[4] For bypass mode applications, the EXTAL pin should be driven symmetrical around Vref =0.5* VDD_HV_A
To ensure stable oscillations, FXOSC incorporates the feedback resistance internally.
In single ended bypass mode, the XTAL pin can be left unconnected.
Drive level is a crystal specification and if crystal load capacitance is increased beyond the recommended value, it may violate
the crystal drive level rating. In such cases, contact NXP sales representative for selecting the correct crystal.
NXP Semiconductors
S32K3XX
S32K3xx Data Sheet
S32K3XX
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 12 November 2025
Document feedback
93 / 164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com