Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 67 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342, S32K322, S32K328, S32K338, S32K348, S32K356, S32K358, S32K388 and S32K389. Data is preliminary for S32K312 and S32K344 100LQFP only.
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 67 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 63Page - NXP Semiconductors S32K310 Datasheet HTML 64Page - NXP Semiconductors S32K310 Datasheet HTML 65Page - NXP Semiconductors S32K310 Datasheet HTML 66Page - NXP Semiconductors S32K310 Datasheet HTML 67Page - NXP Semiconductors S32K310 Datasheet HTML 68Page - NXP Semiconductors S32K310 Datasheet HTML 69Page - NXP Semiconductors S32K310 Datasheet HTML 70Page - NXP Semiconductors S32K310 Datasheet HTML 71Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 164 page
background image
Table 25. Cyclic wake-up current example
Chip
Device
Operating Mode
Supply
Current[1] [μA]
Duration [2] [ms]
Ratio of
Duration [3]
Current
According to
Ratio [4] [μA]
ICYCL -
Average current
[5] [μA]
S32K314
RUN
20000
0.2
0.005
100
159.7
STANDBY
60
39.8
0.995
59.7
[1] The supply current is obtained through the measurements of the current during the corresponding operating mode.
[2] The duration is defined by the application (how much time will the device spend in the according operating mode).
[3] The ratio of duration is obtained by dividing the duration of the corresponding operating mode by the total duration of the application.
[4] The current according to ratio is obtained by multiplying the supply current and the ratio of duration related to the proper operating mode.
[5] The average current is calculated by the addition of each device operating mode’s current according to ratio.
6.10 NXP recomended PMIC
NXP recomended PMIC for the mentioned devices are as follows. Contact NXP sales representative for more information.
Table 26. NXP Recomemded PMIC
MCU
PMIC
S32K312, S32K311, S32K310
FS23, FS26
S32K344, S32K324, S32K314,
S32K341, S32K342, S32K322,
S32K328, S32K338, S32K348, S32K356, S32K358
FS26
S32K388
FS26
S32K389
FS26, FS27
7 I/O parameters
7.1 GPIO DC electrical specifications, 3.3V Range (2.97V - 3.63V)
The leakage current on the GPIO pins is specified as a function of the pad type (Standard, Standard Plus, Medium, Fast, or GPI)
and the number of Analog functions (CMP and ADC channels) multiplexed per pin.
For S32K388, see the ILKG column in the Pinout section of the IOMUX file attached to the Reference Manual.
For other devices, the "Analog Function Count" is defined from the number of CMP and ADC channels multiplexed to a given
pin. This information can be obtained from the "Direct Signals" column in the IOMUX files attached to the Reference Manual. The
"Analog Function Count" is shown in the Condition column of the following table.
Table 27. GPIO DC electrical specifications, 3.3V Range (2.97V - 3.63V)
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
VIH
Input high level DC
voltage threshold
0.70 x
VDD_HV
_A/B
—
VDD_HV
_A/B +
0.3
V
VDD_HV_A/B = 3.3V
—
VIL
Input low level DC
voltage threshold
VSS - 0.3 —
0.30 x
VDD_HV
_A/B
V
VDD_HV_A/B = 3.3V
—
Table continues on the next page...
NXP Semiconductors
S32K3XX
S32K3xx Data Sheet
S32K3XX
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 12 November 2025
Document feedback
67 / 164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com