Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 91 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342, S32K322, S32K328, S32K338, S32K348, S32K356, S32K358, S32K388 and S32K389. Data is preliminary for S32K312 and S32K344 100LQFP only.
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 91 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 87Page - NXP Semiconductors S32K310 Datasheet HTML 88Page - NXP Semiconductors S32K310 Datasheet HTML 89Page - NXP Semiconductors S32K310 Datasheet HTML 90Page - NXP Semiconductors S32K310 Datasheet HTML 91Page - NXP Semiconductors S32K310 Datasheet HTML 92Page - NXP Semiconductors S32K310 Datasheet HTML 93Page - NXP Semiconductors S32K310 Datasheet HTML 94Page - NXP Semiconductors S32K310 Datasheet HTML 95Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 164 page
background image
11.2 SIRC
Table 43. SIRC
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
fSIRC
SIRC nominal
Frequency
—
32
—
KHz
—
—
fSIRC_ACC
SIRC Frequency
deviation across
process, voltage,
and temperature
after trimming
-10
—
10
%
—
—
TSIRC_start
SIRC Startup
Time [1]
—
—
3
ms
—
—
TSIRC_DC
SIRC duty cycle
30
—
70
%
—
—
[1] Startup time is for information only.
11.3 PLL
FPLL_DS, FPLL_FM and all fractional mode jitter specifications are not applicable to Auxiliary PLL on S32K328, S32K338,
S32K348, S32K356, S32K358, S32K388 and S32K389 devices.
Jitter values specified in this table are applicable for FXOSC reference clock input only.
Table 44. PLL
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
FPLL_in
PLL input frequency 8
—
40
MHz
This is the frequency
after the Reference
Divider within the PLL
—
FPLL_out
PLL output
frequency
(PLL_PHIn_CLK) [1]
25
—
500
MHz
—
—
FPLL_vcoRange
VCO Frequency
range
640
—
1280
MHz
—
—
FPLL_DS
Modulation Depth
(down spread)
-0.5
—
-3
%
—
—
FPLL_FM
Modulation
frequency
—
—
32
KHz
—
—
TPLL_start
PLL lock time
—
—
1
ms
—
—
JPLL_cyc
PLL period jitter (pk-
pk) [2][3][4]
—
—
237
ps
FPLL_out = 240MHz,
Integer Mode
—
JPLL_cyc
PLL period jitter (pk-
pk) [2][3][4]
—
—
487
ps
FPLL_out = 240MHz,
Fractional Mode
—
JPLL_acc
PLL accumulated
jitter (pk-pk) [2][3][4]
—
—
840
ps
FPLL_out = 240MHz,
Integer Mode
—
Table continues on the next page...
NXP Semiconductors
S32K3XX
S32K3xx Data Sheet
S32K3XX
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 12 November 2025
Document feedback
91 / 164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com