Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 66 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342, S32K322, S32K328, S32K338, S32K348, S32K356, S32K358, S32K388 and S32K389. Data is preliminary for S32K312 and S32K344 100LQFP only.
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 66 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 62Page - NXP Semiconductors S32K310 Datasheet HTML 63Page - NXP Semiconductors S32K310 Datasheet HTML 64Page - NXP Semiconductors S32K310 Datasheet HTML 65Page - NXP Semiconductors S32K310 Datasheet HTML 66Page - NXP Semiconductors S32K310 Datasheet HTML 67Page - NXP Semiconductors S32K310 Datasheet HTML 68Page - NXP Semiconductors S32K310 Datasheet HTML 69Page - NXP Semiconductors S32K310 Datasheet HTML 70Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 164 page
background image
Table 24. RUN mode configuration options for S32K389...continued
LPI2C[6] All OFF
All OFF
All OFF
All OFF
All OFF
All OFF
All OFF
EMAC/
GMAC[7]
OFF
2x
1x
1x
1x
1x
1x
SAI
OFF
All OFF
All OFF
All OFF
All OFF
All OFF
All OFF
QSPI
OFF
All OFF
All OFF
All OFF
All OFF
All OFF
All OFF
eMIOS[8] All OFF
All OFF
3x
3x
2x
2x
2x
SAR_AD
C[9]
All OFF
1x
3x
3x
2x
2x
2x
LPCMP[1
0]
All OFF
1x
1x
1x
1x
1x
1x
[1] HSE_B: After start-up, the HSE core is in WFI.
[2] Core memories enabled in core CM7_n: D-Cache, I-Cache, D-TCM, I-TCM.
[3]
• FlexCAN0: Transmitting an 8-byte CAN-FD data frame at 5 Mbps, every 10 ms.
• FlexCAN1: Transmitting a 64-byte CAN-FD data frame at 2 Mbps, every 20 ms.
• FlexCAN2-11: Transmitting an 8-byte CAN data frame at 500 Kbps, every 20 ms.
[4] LPUART0-15: Transmitting at 19200 bps, every 100ms.
[5]
• LPSPI0: Transmitting 32 bits at 20 Mbps (GPIO Fast pads), every 5 ms.
• LPSPI1-5: Transmitting 32 bits at 1 Mbps, every 5 ms.
[6] LPI2C0-1: Transmitting 3 bytes at 400 Kbps, every 100ms.
[7] EMAC/GMAC: ON for MII interface.
[8]
• eMIOS0: 6 channels in PWM mode @ 20 KHz.
• eMIOS1-2: 8 channels in PWM mode @ 400 Hz.
[9]
• SAR_ADC0: 16 channels at 400 Hz rate, BCTU triggered.
• SAR_ADC1-2: 4 channels at 20 KHz rate, BCTU triggered.
[10] LPCMP0: 8 channels enabled; LPCMP1-2: 4 channels enabled.
6.9 Cyclic wake-up current
The cyclic wake-up current is the calculated average current consumption during the periodic switching between RUN mode and
STANDBY mode. This average current can be calculated with the following formula:
ICYCL = RUN Current According to Ratio + STANDBY Current According to Ratio
Where the Current According to Ratio value is calculated as follows:
Current According to Ratio = Supply Current × Ratio of Duration
As an example, the following data was obtained with an application that periodically (every 40ms) alternates between RUN mode,
for approximately 200μs to scan several GPIO inputs (51 GPIOS), and spends the rest of the time in STANDBY mode.
NXP Semiconductors
S32K3XX
S32K3xx Data Sheet
S32K3XX
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 12 November 2025
Document feedback
66 / 164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com